Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WNPS2W Datasheet(PDF) 1 Page - ABCO ELECTRONICS CO.LTD

Part # WNPS2W
Description  NON-INDUCTIVE WIRE WOUND RESISTORS
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABCO [ABCO ELECTRONICS CO.LTD]
Direct Link  http://www.abco.co.kr/
Logo ABCO - ABCO ELECTRONICS CO.LTD

WNPS2W Datasheet(HTML) 1 Page - ABCO ELECTRONICS CO.LTD

  WNPS2W Datasheet HTML 1Page - ABCO ELECTRONICS CO.LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
84
Specifications given herein may be changed at any time without prior notice. Please confirm technical specifications before your order and/or use.
Type
W
L1
dL2
PD
Characteristics
Performance
Type
Resistance Range
Operating
E-96(
± 1%), E-24-G(± 2%), J(± 5%)
Temp. Rang
■FEATURES
• Coated with silicone resin of high resistance
• Ceramic rod results in performance levels far superior to general
fiberglass core.
• Available to high resistance in miniature size(WNPS 2W, 3W) by automatic winding.
• Coating Color: Green
• Marking: Color Code
■TAPING DIMENSIONS
W
L1
L2
L1
0.08Max
0.5Max
3.2Max
P
6
± 1
¿
¿
d
D
WNP 1W
64
± 1.0
26
± 1.0
0.80
12
± 1.0
5.0
± 1.0
4.3
± 0.7
WNPS 2W
64
± 1.0
26
± 1.0
0.80
12
± 1.0
5.0
± 1.0
4.3
± 0.7
WNP 2W
64
± 1.0
24
± 1.0
0.80
16
± 1.0
10.0
± 1.0
6.0
± 1.0
WNPS 3W
64
± 1.0
24
± 1.0
0.80
16
± 1.0
10.0
± 1.0
6.0
± 1.0
Short Time Over Load
± (1%+0.05Ω)
Dielectric Withstanding Voltage
± (1%+0.05Ω)
Resistance To Soldering Heat
± (1%+0.05Ω)
Moisture Resistance
± (5%+0.05Ω)
Load Life
± (5%+0.05Ω)
Resistance Temp. Coefficient
R = 0.5Ω: ±260ppm/˚C
R
< 0.5Ω:
±400ppm/˚C
Inductance
290mH, Intial resistance
Value
≥
±20%
■SPECIFICATIONS
■CHARACTERISTICS
■HOW TO ORDER
■SURFACE TEMPERATURE RISE
■DERATING CURVE
*Available to WNP on special for 5W, 7W, 10W and 15W.
WNP
2W
10
Ω
JTB
12
3
4
5
1. ABCO Code
2. Power Rating
3. Resistance
4. Tolerance(
±1%, ±2%, ±5%)
5. Packing: TB is Tape & Ammo Box
WNP 1W
0.1-1
Ω
WNPS 2W
0.1-2
Ω
-40
˚C
WNP 2W
0.1-2
Ω
~ +155
˚C
WNPS 3W
0.1-2
Ω
■SELF-STANDING LEAD TYPE
• M-FORMING TYPE
3
± 0.5
20
± 1.0
3
± 0.5
6
± 0.5
6
± 1.0
100
80
60
40
20
0
250 300
200
150
100
50
0
-50
70
40
155
275
Ambient Temperature(˚C)
1W, 2W
3W
250
200
150
100
1W
2W
3W
50
20
40
60
80
100
120
0
Rated Load(%)
WNP SERIES
NON-INDUCTIVE WIRE WOUND RESISTORS
Unit: mm


Similar Description - WNPS2W

ManufacturerPart #DatasheetDescription
logo
Token Electronics Indus...
KNPN-1001W0R1FTB TOKEN-KNPN-1001W0R1FTB Datasheet
419Kb / 3P
KNPN Non-inductive Resistors
logo
Dubilier
DWR01J75RT52 DUBILIER-DWR01J75RT52 Datasheet
326Kb / 2P
Resistors Power Wire Wound Resistors
logo
UNIOHM CORPORATION
R-10W UNIOHM-R-10W Datasheet
488Kb / 1P
Power Type Wire Wound Resistors Non Flammable Wire Wound Resistor
logo
List of Unclassifed Man...
RW1S ETC-RW1S Datasheet
832Kb / 1P
WIRE WOUND RESISTORS
GG102A ETC-GG102A Datasheet
598Kb / 1P
PRECISION WIRE WOUND RESISTORS
KH15 ETC-KH15 Datasheet
954Kb / 2P
NON-FLAMMABLE WIRE WOUND FIXED RESISTORS
KR80 ETC-KR80 Datasheet
897Kb / 2P
NON-FLAMMABLE WIRE WOUND FIXED RESISTORS
logo
RFE international
FKN RFE-FKN Datasheet
1Mb / 2P
Fusible Wire Wound Resistors
19-JUN-2023
KNP RFE-KNP Datasheet
1Mb / 3P
Wire Wound Resistors
OCT-25-2023
SKN RFE-SKN Datasheet
971Kb / 3P
Wire Wound Resistors
OCT-30-2023
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com