Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CAP-R Datasheet(PDF) 2 Page - TM Electronics Inc

Part # CAP-R
Description  T TYPE THERMOCOUPLE THERMOMETER WITH HOLD FUNCTION
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TM [TM Electronics Inc]
Direct Link  
Logo TM - TM Electronics Inc

CAP-R Datasheet(HTML) 2 Page - TM Electronics Inc

  CAP-R Datasheet HTML 1Page - TM Electronics Inc CAP-R Datasheet HTML 2Page - TM Electronics Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Cross-reference for compatible probes
Suitable probes for use with this instrument
TME PART No
DESCRIPTION
APPLICATION
T/C TYPE
CAPK
SET OF 5 COLOUR CODED NEEDLE
PROBES
CORE TEMPERATURE OF SEMI-SOLID MATERIAL
T
CAP-R
RED COLOUR CODED NEEDLE PROBE
CORE TEMPERATURE OF SEMI-SOLID MATERIAL
T
CAP-B
BLUE COLOUR CODED NEEDLE PROBE
CORE TEMPERATURE OF SEMI-SOLID MATERIAL
T
CAP-G
GREEN COLOUR CODED NEEDLE
PROBE
CORE TEMPERATURE OF SEMI-SOLID MATERIAL
T
CAP-W
WHITE COLOUR CODED NEEDLE
PROBE
CORE TEMPERATURE OF SEMI-SOLID MATERIAL
T
CAP-Y
YELLOW COLOUR CODED NEEDLE
PROBE
CORE TEMPERATURE OF SEMI-SOLID MATERIAL
T
TP05
NEEDLE PROBE
CORE TEMPERATURE OF SEMI-SOLID MATERIAL
T
TP07
NEEDLE PROBE HEAVY DUTY
CORE TEMPERATURE OF SEMI-SOLID MATERIAL
T
TP10
SOUS VIDE NEEDLE PROBE
CORE TEMPERATURE OF SEMI-SOLID MATERIAL
T
TM01
LIGHT DUTY M.I. PROBE
GENERAL PURPOSE LIQUID/GAS MEASUREMENT
T
TM03
M.I. PROBE
GENERAL PURPOSE LIQUID/GAS MEASUREMENT
T
TM04
M.I. PROBE EXTENDED LENGTH
GENERAL PURPOSE LIQUID/GAS MEASUREMENT
T
TS01-S
DUAL PROBE
FOR SURFACE AND IMMERSION MEASUREMENT
T
TS04
SURFACE PROBE
GENERAL PURPOSE SURFACE MEASUREMENT
T
TA04
AIR TEMPERATURE PROBE
FAST RESPONSE AIR TEMPERATURE PROBE
T
TA12
SPATULA PROBE
BETWEEN PACK PROBE
T
TH01
SOCKET IN HANDLE
HANDLE FOR USE WITH PLUG MOUNTED PROBES
T
THA2
PLUG MOUNTED AIR PROBE
FAST RESPONSE AIR TEMPERATURE PROBE
T
THM01
PLUG MOUNTED M.I. PROBE
GENERAL PURPOSE LIQUID/GAS MEASUREMENT
T
THN01
PLUG MOUNTED NEEDLE PROBE
CORE TEMPERATURE OF SEMI-SOLID MATERIAL
T
THA12
PLUG MOUNTED SPATULA PROBE
BETWEEN PACK PROBE
T
THS02
PLUG MOUNTED SURFACE PROBE
GENERAL PURPOSE SURFACE MEASUREMENT
T
PKF1
FOOD KIT
PROBE KIT DESIGNED FOR THE FOOD INDUTRY
T
TP01
CORKSCREW PROBE
PROBE DESIGNED FOR CORE TEMPERATURE OF MEAT
T
TFS01
FOOD SIMULANT PROBE
SIMULATES THE CORE TEMPERATURE OF FOOD IN HOT
OR COLD STORAGE
57-0001-04 V2



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com