Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SM6F20AY Datasheet(PDF) 5 Page - STMicroelectronics

Part # SM6F20AY
Description  Automotive 600 W TVS in SOD128 Flat
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SM6F20AY Datasheet(HTML) 5 Page - STMicroelectronics

  SM6F20AY Datasheet HTML 1Page - STMicroelectronics SM6F20AY Datasheet HTML 2Page - STMicroelectronics SM6F20AY Datasheet HTML 3Page - STMicroelectronics SM6F20AY Datasheet HTML 4Page - STMicroelectronics SM6F20AY Datasheet HTML 5Page - STMicroelectronics SM6F20AY Datasheet HTML 6Page - STMicroelectronics SM6F20AY Datasheet HTML 7Page - STMicroelectronics SM6F20AY Datasheet HTML 8Page - STMicroelectronics SM6F20AY Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
Figure 7. Junction capacitance versus reverse applied
voltage (unidirectional types)
0.1
1
10
1
10
100
C (nF)
VR(V)
SM6F5.0AY
SM6F20AY
SM6F33AY
f = 1 MHz
Vosc = 30 mVRMS
Tj = 25 °C
Figure 8. Leakage current versus junction temperature
10
100
1000
10000
25
50
75
100
125
150
175
IR (nA)
Tj (°C)
VR =VRM
VRM ≥ 10V
VRM < 10V
Figure 9. Peak forward voltage drop versus peak forward
current
0.01
0.1
1
10
100
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
IF (A)
VF (V)
single pulse
Tj = 25 °C
Tj = 175 °C
Figure 10. Thermal impedance junction to ambient versus
pulse duration
10
100
1000
0.01
0.1
1
10
100
1000
Z
th(j-a) (°C/W)
tp (s)
Single pulse on recommended footprint.
Epoxy printed circuit board FR4, 70 µm Cu thickness
Figure 11. Thermal resistance junction to ambient versus
copper area under each lead (SOD128 Flat)
0
30
60
90
120
150
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
Rth(j-a) (°C/W)
SCu (cm²)
Single pulse on recommended footprint.
Epoxy printed circuit board FR4, 70 µm Cu thickness
Figure 12. ISO7637-2 pulse 1: Vs = -150 V with 12 V
battery
SM6FxxAY
Characteristics (curves)
DS13062 - Rev 2
page 5/15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com