Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STPS745 Datasheet(PDF) 13 Page - STMicroelectronics

Part # STPS745
Description  Power Schottky rectifier
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS745 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button STPS745 Datasheet HTML 6Page - STMicroelectronics STPS745 Datasheet HTML 7Page - STMicroelectronics STPS745 Datasheet HTML 8Page - STMicroelectronics STPS745 Datasheet HTML 9Page - STMicroelectronics STPS745 Datasheet HTML 10Page - STMicroelectronics STPS745 Datasheet HTML 11Page - STMicroelectronics STPS745 Datasheet HTML 12Page - STMicroelectronics STPS745 Datasheet HTML 13Page - STMicroelectronics STPS745 Datasheet HTML 14Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
STPS745
Ordering information
DocID3516 Rev 8
13/14
3
Ordering information
Table 8: Ordering information
Order code
Marking
Package
Weight
Base qty.
Delivery mode
STPS745D
STPS745D
TO-220AC
1.86g
50
Tube
STPS745G-TR
STPS745G
D2PAK
1.38g
1000
Tape and reel
STPS745FP
STPS745FP
TO-220FPAC
1.9g
50
Tube
4
Revision history
Table 9: Document revision history
Date
Revision
Changes
Jul-2003
6
Last release
22-Mar-2007
7
Removed ISOWATT package.
29-May-2015
8
Updated features, packages silhouette and Table 1: "Device
summary" in cover page.
Updated Table 2: "Absolute ratings (limiting values, at 25 °C,
unless otherwise specified)" and Section 1.1: "Characteristics
(curves)".
Minor text changes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com