Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FR802 Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # FR802
Description  Fast Recovery Diode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

FR802 Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  FR802 Datasheet HTML 1Page - Inchange Semiconductor Company Limited FR802 Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Fast Recovery Diode
FR802
www.iscsemi.com
1
FEATURES
· Fast Switching
· Low Leakage Current
· Low Forward Voltage Drop
APPLICATIONS
· Inverters
· Converters
· Freewheeling Diode
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
SYMBOL
PARAMETER
VALUE
UNIT
VRRM
VRWM
VR
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
100
V
IF(AV)
Average Rectified Forward Current
8
A
IFSM
Non-repetitive Peak Surge Current
(8.3ms single half sine-wave
superimposed)
200
A
TJ
Max. Junction Temperature
150
℃
Tstg
Storage Temperature Range
-65~150
℃
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
MAX
UNIT
Rth j-c
Thermal Resistance,Junction to Case
3.0
℃
/W
TO-220C Package
3
1
2


Similar Part No. - FR802

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
FR802 RECTRON-FR802 Datasheet
25Kb / 2P
FAST RECOVERY GLASS PASSIVATED RECTIFIER (VOLTAGE RANGE 50 to 800 Volts CURRENT 8.0 Amperes)
logo
Bytes
FR802 BYTES-FR802 Datasheet
160Kb / 2P
8.0 AMP FAST RECOVERY RECTIFIERS
logo
Diodes Incorporated
FR802 DIODES-FR802 Datasheet
60Kb / 2P
8.0A FAST RECOVERY RECTIFIER
DS26005 Rev. D-3
logo
Formosa MS
FR802 FORMOSA-FR802 Datasheet
36Kb / 2P
8.0 AMP FAST RECOVERY RECTIFIERS
logo
DAESAN ELECTRONIC CORP.
FR802 DAESAN-FR802 Datasheet
316Kb / 2P
CURRENT 8.0 Amperes VOLTAGE 50 to 1000 Volts
More results

Similar Description - FR802

ManufacturerPart #DatasheetDescription
logo
Power Semiconductors
ARF221 POSEICO-ARF221 Datasheet
43Kb / 4P
FAST RECOVERY DIODE
ARF241 POSEICO-ARF241 Datasheet
43Kb / 4P
FAST RECOVERY DIODE
ARF462 POSEICO-ARF462 Datasheet
105Kb / 2P
FAST RECOVERY DIODE
ARF565 POSEICO-ARF565 Datasheet
45Kb / 4P
FAST RECOVERY DIODE
ARF673 POSEICO-ARF673 Datasheet
104Kb / 2P
FAST RECOVERY DIODE
logo
Dynex Semiconductor
DF054 DYNEX-DF054 Datasheet
58Kb / 7P
Fast Recovery Diode
DF654 DYNEX-DF654 Datasheet
61Kb / 7P
Fast Recovery Diode
DSF8045SK DYNEX-DSF8045SK Datasheet
63Kb / 9P
Fast Recovery Diode
MDFB51 DYNEX-MDFB51 Datasheet
69Kb / 8P
Fast Recovery Diode
logo
Rohm
RF101L4S ROHM-RF101L4S Datasheet
116Kb / 4P
Fast recovery diode
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com