Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EC4DAW Datasheet(PDF) 4 Page - CINCON ELECTRONICS Corporation

Part # EC4DAW
Description  EC4DAW SERIES
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CINCON [CINCON ELECTRONICS Corporation]
Direct Link  https://www.cincon.com/
Logo CINCON - CINCON ELECTRONICS Corporation

EC4DAW Datasheet(HTML) 4 Page - CINCON ELECTRONICS Corporation

  EC4DAW Datasheet HTML 1Page - CINCON ELECTRONICS Corporation EC4DAW Datasheet HTML 2Page - CINCON ELECTRONICS Corporation EC4DAW Datasheet HTML 3Page - CINCON ELECTRONICS Corporation EC4DAW Datasheet HTML 4Page - CINCON ELECTRONICS Corporation EC4DAW Datasheet HTML 5Page - CINCON ELECTRONICS Corporation EC4DAW Datasheet HTML 6Page - CINCON ELECTRONICS Corporation EC4DAW Datasheet HTML 7Page - CINCON ELECTRONICS Corporation EC4DAW Datasheet HTML 8Page - CINCON ELECTRONICS Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
www.cincon.com
4
REVISION: V10
EC4DAW Series
GENERAL SPECIFICATIONS
EMC SPECIFICATIONS (External components required, please refer to application note.)
EMI
Meets EN 55032 (with external filter)
Class A
ESD
Meets EN 61000-4-2
Level 2: Air ±8kV, Contact ±4kV
Perf. Criteria A
Radiated immunity
Meets EN 61000-4-3
Level 2: 80~1000MHz, 3V/m
Perf. Criteria A
Fast Transient
Meets EN 61000-4-4
Level 2: On power input port, ±0.5kV, external input capacitor
required
Perf. Criteria A
Surge
Meets EN 61000-4-5
Level 2: Line to earth, ±1kV, Line to line, ±0.5kV, external
input capacitor required
Perf. Criteria A
Conducted immunity
Meets EN 61000-4-6
Level 2: 0.15~80MHz, 3V
Perf. Criteria A
Application Note Link
EC4DAW Series App Notes
Packaging Information Link
Packaging Information
CHARACTERISTIC CURVE
Power Derating Curve
Performance Data
-40
61
105
65
0%
20%
40%
60%
80%
100%
120%
-40
-20
0
20
40
60
80
100
Ambient Temperature (℃)
Typical Derating curve for Natural Convection
Vo=3.3 & 5V
Vo=12 & 15V
50%
60%
70%
80%
90%
100%
10% 20% 30% 40% 50% 60% 70% 80% 90% 100%
Current Load (%)
EC4DAW-24S33N
Eff Vs Io @25 Deg. C
9V
12V
24V
36V
0
0.4
0.8
1.2
1.6
0% 10% 20% 30% 40% 50% 60% 70% 80% 90% 100%
Output Power (%)
EC4DAW-24S33N
Pd Vs Po @25 Deg. C
9V
12V
24V
36V



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com