Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ETL9345 Datasheet(PDF) 21 Page - STMicroelectronics

Part # ETL9345
Description  4-BIT NMOS MICROCONTROLLERS
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ETL9345 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button ETL9345 Datasheet HTML 17Page - STMicroelectronics ETL9345 Datasheet HTML 18Page - STMicroelectronics ETL9345 Datasheet HTML 19Page - STMicroelectronics ETL9345 Datasheet HTML 20Page - STMicroelectronics ETL9345 Datasheet HTML 21Page - STMicroelectronics ETL9345 Datasheet HTML 22Page - STMicroelectronics ETL9345 Datasheet HTML 23Page - STMicroelectronics ETL9345 Datasheet HTML 24Page - STMicroelectronics ETL9345 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 27 page
background image
TEST INSTRUCTIONS
Mnem Operand
Hex
Code
Machine
Language
Code
(binary)
Data Fl ow
Skip
Conditions
Description
SKC
20
| 00 10| 0 000 |
_______________
C = ”1”
Skip if C is true.
SKE
21
| 00 10| 0 001 |
_______________
A = RAM(B)
Skip if A Equals RAM
SKGZ
33
21
| 0 0 11| 0 011 |
_______________
| 0 0 10| 0 001 |
_______________
G 3:0 = 0
Skip if G is zero (all 4 bits).
SKGBZ
33
| 0 0 11| 0 011 |
_______________
1st Byte
Skip if G Bit is zero.
0
1
2
3
01
11
03
13
| 0 0 00| 0 001 |
_______________
| 0 0 01| 0 001 |
_______________
| 0 0 00| 0 011 |
_______________
| 0 0 01| 0 011 |
_______________
2nd Byte
G 0 =0
G 1 =0
G 2 =0
G 3 =0
SKMBZ
0
1
2
3
01
11
03
13
| 0 0 00| 0 001 |
_______________
| 0 0 01| 0 001 |
_______________
| 0 0 00| 0 011 |
_______________
| 0 0 01| 0 011 |
_______________
RAM(B) 0 =0
RAM(B) 1 =0
RAM(B) 2 =0
RAM(B) 3 =0
Skip if RAM bit is zero.
SKT
41
| 0 1 00| 0 001 |
_______________
A
time-base
counter
carry has
occured
since last
test.
Skip on Timer (note 3)
REGISTER REFERENCE INSTRUCTIONS
Mnem Operand
Hex
Code
Machine
Language
Code
(binary)
Data Fl ow
Skip
Conditions
Description
CAB
50
| 01 01| 0 000 |
_______________
A
→ Bd
None
Copy A to Bd
CBA
4E
| 01 00| 1 110 |
_______________
Bd
→ A
None
Copy Bd to A
LBI
r.d
33
| 0 0 |
r | (d-1) |
_______________
(r = 0:3)
(d = 0.9:15)
or
| 0 0 11| 0 011 |
_______________
|1 |
r |
d
|
_______________
(any r, any d)
r.d
→ B
Skip until
not a LBI
Load B Immediate with r.d
(note 6)
LEI
y
33
6–
| 0 0 11| 0 001 |
_______________
| 0 1 10|
y
|
_______________
y
→ EN
None
Load EN Immediate
(note 7)
XABR
12
| 00 01| 0 010 |
_______________
A
→ Br (0 → A
3 )
None
Exchange A with Br
ETL9444/9445–ETL9344/9345
21/27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com