Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPAX196 Datasheet(PDF) 21 Page - Texas Instruments

Part # OPAX196
Description  OPAx196 36-V, Low-Power, Low Offset Voltage, Rail-to-Rail Operational Amplifier
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPAX196 Datasheet(HTML) 21 Page - Texas Instruments

Back Button OPAX196 Datasheet HTML 17Page - Texas Instruments OPAX196 Datasheet HTML 18Page - Texas Instruments OPAX196 Datasheet HTML 19Page - Texas Instruments OPAX196 Datasheet HTML 20Page - Texas Instruments OPAX196 Datasheet HTML 21Page - Texas Instruments OPAX196 Datasheet HTML 22Page - Texas Instruments OPAX196 Datasheet HTML 23Page - Texas Instruments OPAX196 Datasheet HTML 24Page - Texas Instruments OPAX196 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 52 page
background image
Time (35 ms/div)
C017
V
OUT
V
IN
21
OPA196, OPA2196, OPA4196
www.ti.com
SBOS869 – JULY 2017
Product Folder Links: OPA196 OPA2196 OPA4196
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
7.3.3 Phase Reversal Protection
The OPAx196 family has internal phase-reversal protection. Many op amps exhibit phase reversal when the
input is driven beyond the linear common-mode range. This condition is most often encountered in noninverting
circuits when the input is driven beyond the specified common-mode voltage range, causing the output to
reverse into the opposite rail. The OPAx196 is a rail-to-rail input op amp, and therefore the common-mode range
can extend up to the rails. Input signals beyond the rails do not cause phase reversal; instead, the output limits
into the appropriate rail. This performance is shown in Figure 39.
Figure 39. No Phase Reversal
7.3.4 Thermal Protection
The internal power dissipation of any amplifier causes the internal (junction) temperature to rise. This
phenomenon is called self heating. The OPAx196 has a thermal protection feature that prevents damage from
self heating.
This thermal protection works by monitoring the temperature of the output stage and turning off the op amp
output drive for temperatures above approximately 180°C. Thermal protection forces the output to a high-
impedance state. The OPAx196 is also designed with approximately 30°C of thermal hysteresis. Thermal
hysteresis prevents the output stage from cycling in and out of the high-impedance state. The OPAx196 returns
to normal operation when the output stage temperature falls below approximately 150°C.
The absolute maximum junction temperature of the OPAx196 is 150°C. Exceeding the limits shown in the
Absolute Maximum Ratings table may cause damage to the device. Thermal protection triggers at 180°C
because of unit-to-unit variance, but does not interfere with device operation up to the absolute maximum ratings.
This thermal protection is not designed to prevent this device from exceeding absolute maximum ratings, but
rather from excessive thermal overload.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com