Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STPM01 Datasheet(PDF) 49 Page - STMicroelectronics

Part # STPM01
Description  Programmable single phase energy metering IC with tamper detection
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPM01 Datasheet(HTML) 49 Page - STMicroelectronics

Back Button STPM01 Datasheet HTML 45Page - STMicroelectronics STPM01 Datasheet HTML 46Page - STMicroelectronics STPM01 Datasheet HTML 47Page - STMicroelectronics STPM01 Datasheet HTML 48Page - STMicroelectronics STPM01 Datasheet HTML 49Page - STMicroelectronics STPM01 Datasheet HTML 50Page - STMicroelectronics STPM01 Datasheet HTML 51Page - STMicroelectronics STPM01 Datasheet HTML 52Page - STMicroelectronics STPM01 Datasheet HTML 53Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 60 page
background image
STPM01
Theory of operation
Doc ID 10853 Rev 8
49/60
Equation 21
The RMS voltage value is obtained as:
Equation 22
For the apparent power another value is produced:
Equation 23
Multiplying Equation 20: and Equation 23: , the apparent power is produced:
Equation 24
Rogowsky coil
In this case we have:
Equation 25
while VRMS is calculated as in Equation 22: .
The apparent power is simple calculated multiplying Equation 25: and Equation 22: .
The DSP then performs the integration of the computed powers into energies. These
integrators are implemented as up/down counters and they can rollover. 20-bit output buses
of the counters are assigned as most significant part of energy data records. It is a
responsibility of an application to read the counters at least every second not to miss any
rollover.
2
I
I
RMS =
2
V
dt
)
t
(
v
T
1
V
T
0
2
RMS
=
=
∫
2
V
dt
)
t
(
v
T
1
T
0
2
ω
⋅
=
′
∫
2
VI
2
V
2
I
S
=
ω
⋅
⋅
⋅
ω
=
2
I
dt
)
t
(
i
T
1
I
T
0
2
RMS
=
′′
=
∫



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com