Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DMV32 Datasheet(PDF) 5 Page - STMicroelectronics

Part # DMV32
Description  DAMPER MODULATION DIODE FOR VIDEO
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

DMV32 Datasheet(HTML) 5 Page - STMicroelectronics

  DMV32 Datasheet HTML 1Page - STMicroelectronics DMV32 Datasheet HTML 2Page - STMicroelectronics DMV32 Datasheet HTML 3Page - STMicroelectronics DMV32 Datasheet HTML 4Page - STMicroelectronics DMV32 Datasheet HTML 5Page - STMicroelectronics DMV32 Datasheet HTML 6Page - STMicroelectronics DMV32 Datasheet HTML 7Page - STMicroelectronics DMV32 Datasheet HTML 8Page - STMicroelectronics DMV32 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
0.0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 2.0 2.2
0.1
1.0
10.0
20.0
IFM(A)
Typical
Tj=125°C
Maximum
Tj=25°C
Maximum
Tj=125°C
VFM(V)
Fig. 3-1: Forward voltage drop versus forward
current (damper diode) DMV16.
0.0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 2.0 2.2 2.4 2.6 2.8
0.1
1.0
10.0
50.0
IFM(A)
Typical
Tj=125°C
Maximum
Tj=25°C
Maximum
Tj=125°C
VFM(V)
Fig. 3-2: Forward voltage drop versus forward
current (damper diode)DMV32.
0.0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 2.0 2.2 2.4 2.6 2.8
0.1
1.0
10.0
50.0
IFM(A)
Typical
Tj=125°C
Maximum
Tj=25°C
Maximum
Tj=125°C
VFM(V)
Fig. 3-3: Forward voltage drop versus forward
current (damper diode)DMV56.
0.0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 2.0 2.2
0.1
1.0
10.0
20.0
IFM(A)
Typical
Tj=125°C
Maximum
Tj=25°C
Maximum
Tj=125°C
VFM(V)
Fig. 3-4: Forward voltage drop versus forward
current (modulation diode)DMV16.
0.0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 2.0 2.2
0.1
1.0
10.0
20.0
IFM(A)
Typical
Tj=125°C
Maximum
Tj=25°C
Maximum
Tj=125°C
VFM(V)
Fig. 3-5: Forward voltage drop versus forward
current (modulation diode)DMV32 and DMV56.
1E-3
1E-2
1E-1
1E+0
0.1
0.2
0.5
1.0
K=[Zth(j-c)/Rth(j-c)]
tp(s)
T
δ=tp/T
tp
Single pulse
δ = 0.1
δ = 0.2
δ = 0.5
Fig. 4: Relative variation of thermal impedance
junction to case versus pulse duration.
®
DMV series
5/9



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com