Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ATQ20122SS Datasheet(PDF) 3 Page - Panasonic Semiconductor

Part # ATQ20122SS
Description  Signal Relays ( 2 A or less )
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ATQ20122SS Datasheet(HTML) 3 Page - Panasonic Semiconductor

  ATQ20122SS Datasheet HTML 1Page - Panasonic Semiconductor ATQ20122SS Datasheet HTML 2Page - Panasonic Semiconductor ATQ20122SS Datasheet HTML 3Page - Panasonic Semiconductor ATQ20122SS Datasheet HTML 4Page - Panasonic Semiconductor ATQ20122SS Datasheet HTML 5Page - Panasonic Semiconductor ATQ20122SS Datasheet HTML 6Page - Panasonic Semiconductor ATQ20122SS Datasheet HTML 7Page - Panasonic Semiconductor ATQ20122SS Datasheet HTML 8Page - Panasonic Semiconductor ATQ20122SS Datasheet HTML 9Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
Panasonic Industry Co., Ltd. Electromechanical Control Business Division
industrial.panasonic.com/ac/e/
ASCTB14E 202405
Panasonic Industry Co., Ltd. 2024
Signal Relays ( 2 A or less ) TQ RELAYS
TYPES
Rated coil voltage(DC)*1,2
1.5(SMD only),3, 4.5, 5, 6, 9, 12, 24, 48V
Terminal shape
Nil:Standard PC board terminal
H :Self-clinching terminal
SA:SA type
SL :SL type
SS :SS type
Packing style*3
Nil:Tube packing
X :Tape and reel
(picked from 1/2/3/4/5-pin side)
Z :Tape and reel packing
(picked from the 6/7/8/9/10-pin side)
W :Tape and reel packing (picked from the 1/2/3/4/5-pin side)
With humidity indicator and silica gel in moisture proof bag*4
Y :Tape and reel packing (picked from the 6/7/8/9/10-pin side)
With humidity indicator and silica gel in moisture proof bag*4
Operating function
Nil:Single side stable
L :1 coil latching
L2 :2 coil latching
Contact arrangement
2:2 Form C (2 Form D)
MBB function
Nil :Standard(B.B.M.)type
2M:M.B.B. type
(PC board terminal
(Standard/Self-clinching terminal) only)
*1: 48 V coil type: Single side stable only
*2: In case of 5 V transistor drive circuit, it is recommended to use 4.5 V type relay.
*3: The W and Y at the end of the part number is only available for SA and SS.
*4: Each reel is packed with humidity indicators and silica gel in the moisuture proof pack.
TQ
ORDERING INFORMATION ( TYPE NO. : Ordering part number for non Japanese market )
" Type No. " is ordering part number for non Japanese market. " Part No. " is ordering part number for Japanese market.
● PC board terminal ( self-clinching terminal ): Tube packing
Contact
arrangement
Rated coil
voltage
Single side stable
1 coil latching
2 coil latching
Standard packing
Type No.
Part No.
Type No.
Part No.
Type No.
Part No.
Carton
( 1 Tube packing )
Outer carton
2 Form C
3
V DC
TQ2H-3V
ATQ231
TQ2H-L-3V
ATQ241
TQ2H-L2-3V
ATQ251
50 pcs.
1,000 pcs.
4.5 V DC
TQ2H-4.5V
ATQ236
TQ2H-L-4.5V
ATQ246
TQ2H-L2-4.5V
ATQ256
5
V DC
TQ2H-5V
ATQ239
TQ2H-L-5V
ATQ249
TQ2H-L2-5V
ATQ259
6
V DC
TQ2H-6V
ATQ232
TQ2H-L-6V
ATQ242
TQ2H-L2-6V
ATQ252
9
V DC
TQ2H-9V
ATQ237
TQ2H-L-9V
ATQ247
TQ2H-L2-9V
ATQ257
12
V DC
TQ2H-12V
ATQ233
TQ2H-L-12V
ATQ243
TQ2H-L2-12V
ATQ253
24
V DC
TQ2H-24V
ATQ234
TQ2H-L-24V
ATQ244
TQ2H-L2-24V
ATQ254
48
V DC
TQ2H-48V
ATQ235
−
−
−
−
Note) The products ( ATQ***25 ) designed to withstand strong vibration caused, for example, by the use of terminal cutters, can also be ordered.
However, please inquire our sales representative for details, if you need parts for use in low level load.
■ Standard contact
● PC board terminal ( standard ): Tube packing
Contact
arrangement
Rated coil
voltage
Single side stable
1 coil latching
2 coil latching
Standard packing
Type No.
Part No.
Type No.
Part No.
Type No.
Part No.
Carton
( 1 Tube packing )
Outer carton
2 Form C
3
V DC
TQ2-3V
ATQ201
TQ2-L-3V
ATQ211
TQ2-L2-3V
ATQ221
50 pcs.
1,000 pcs.
4.5 V DC
TQ2-4.5V
ATQ206
TQ2-L-4.5V
ATQ216
TQ2-L2-4.5V
ATQ226
5
V DC
TQ2-5V
ATQ209
TQ2-L-5V
ATQ219
TQ2-L2-5V
ATQ229
6
V DC
TQ2-6V
ATQ202
TQ2-L-6V
ATQ212
TQ2-L2-6V
ATQ222
9
V DC
TQ2-9V
ATQ207
TQ2-L-9V
ATQ217
TQ2-L2-9V
ATQ227
12
V DC
TQ2-12V
ATQ203
TQ2-L-12V
ATQ213
TQ2-L2-12V
ATQ223
24
V DC
TQ2-24V
ATQ204
TQ2-L-24V
ATQ214
TQ2-L2-24V
ATQ224
48
V DC
TQ2-48V
ATQ205
−
−
−
−
ー 2 ー



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com