Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VN820SP Datasheet(PDF) 22 Page - STMicroelectronics

Part # VN820SP
Description  High-side driver
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VN820SP Datasheet(HTML) 22 Page - STMicroelectronics

Back Button VN820SP Datasheet HTML 18Page - STMicroelectronics VN820SP Datasheet HTML 19Page - STMicroelectronics VN820SP Datasheet HTML 20Page - STMicroelectronics VN820SP Datasheet HTML 21Page - STMicroelectronics VN820SP Datasheet HTML 22Page - STMicroelectronics VN820SP Datasheet HTML 23Page - STMicroelectronics VN820SP Datasheet HTML 24Page - STMicroelectronics VN820SP Datasheet HTML 25Page - STMicroelectronics VN820SP Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 43 page
background image
Package and PCB thermal data
VN820
22/43
Doc ID 7370 Rev. 6
4
Package and PCB thermal data
4.1
P2PAK thermal data
Figure 27.
PC board
Note:
Layout condition of Rth and Zth measurements (PCB FR4 area = 60 mm x 60 mm, PCB
thickness = 2 mm, Cu thickness = 35 µm , Copper areas: 0.97 cm2, 8 cm2).
Figure 28.
Rthj-amb vs PCB copper area in open box free air condition
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com