Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

L6390D Datasheet(PDF) 22 Page - STMicroelectronics

Part # L6390D
Description  High voltage high/low-side driver
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6390D Datasheet(HTML) 22 Page - STMicroelectronics

Back Button L6390D Datasheet HTML 17Page - STMicroelectronics L6390D Datasheet HTML 18Page - STMicroelectronics L6390D Datasheet HTML 19Page - STMicroelectronics L6390D Datasheet HTML 20Page - STMicroelectronics L6390D Datasheet HTML 21Page - STMicroelectronics L6390D Datasheet HTML 22Page - STMicroelectronics L6390D Datasheet HTML 23Page - STMicroelectronics L6390D Datasheet HTML 24Page - STMicroelectronics L6390D Datasheet HTML 25Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 22 / 25 page
background image
Package information
L6390
22/25
DocID14493 Rev 11
Figure 13. SO-16 narrow footprint
Table 10. SO-16 narrow package mechanical data
Symbol
Dimensions (mm)
Min.
Typ.
Max.
A-
-
1.75
A1
0.10
-
0.25
A2
1.25
-
-
b0.31
-
0.51
c0.17
-
0.25
D
9.80
9.90
10.00
E
5.80
6.00
6.20
E1
3.80
3.90
4.00
e
-
1.27
-
h0.25
-
0.50
L0.40
-
1.27
k0
-
8°
ccc
-
-
0.10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com