Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PBAR2 Datasheet(PDF) 3 Page - APEM

Part # PBAR2
Description  ATEX approved piezo switches
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEM [APEM]
Direct Link  www.apem.com
Logo APEM - APEM

PBAR2 Datasheet(HTML) 3 Page - APEM

  PBAR2 Datasheet HTML 1Page - APEM PBAR2 Datasheet HTML 2Page - APEM PBAR2 Datasheet HTML 3Page - APEM PBAR2 Datasheet HTML 4Page - APEM PBAR2 Datasheet HTML 5Page - APEM  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
BASIC PART NUMBER
MODELS
R1 Bushing Ø 16 (.630), flat
R2 Bushing Ø 22 (.866), flat
R9 Bushing Ø 19 (.748), flat
R2 and R6 not available with illuminated ring.
R5 Bushing Ø 16 (.630),with finger location
(non-illuminated only)
R6 Bushing Ø 22 (.866), with finger location
BUILD YOUR PART NUMBER
SERIES
PBA
OPTIONS
Blank Non-illum.
0B
Blue
0G
Green
0S
Red
0Y
Yellow
LED COLORS
ELECTRICAL FUNCTION
A NO (pulse)
A
COLORS/MATERIALS
B 316L stainless steel
B
APPROVAL
X ATEX
X
TYPE
M One-piece bushing
(non-illuminated)
A Illuminated ring
(Ø 16 and 19 mm)
L Illuminated dot
(Ø 22 mm)
TERMINALS
F Flying leads
F
RATINGS
000
200 mA max. at
6 VAC/DC - 50 mA
max. at 24 VAC/DC
000
ATEX approved piezo switches
PBA series
ABOUT THIS SERIES
Instructions for use : see instruction notice NTPBA007.
Mounting accessories : Standard hardware supplied : 1 hex nut 10-621 (19 mm ac. flats), 10-855-0 (22 mm ac. flats) or 10-856-0
(25 mm ac. flats), 1 O-Ring and 1 ground connector
3



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com