| Electronic Components Datasheet Search |
|
PC732AH. Datasheet(PDF) 4 Page - Switchcraft, Inc. |
|
|
|||||||||||||||||||||||||||||
PC732AH. Datasheet(HTML) 4 Page - Switchcraft, Inc. |
|
4 / 4 page ![]() NPB 637 High Temperature DC Power Jacks & Plugs 55 5 5 N EL STON AVE, CHIC A GO , IL 606 30 - 77 3.79 2.2700 - SALES@SW ITCHCRAFT.COM SPECIFICATIONS ELECTRICAL: Voltage Rating: 24V DC resistive Current Rating: See current carry table on pg. 2 Insulation Resistance: 1,000 MΩ min. Contact Resistance: 0.01Ω max. (initial) 0.02Ω max. (after humidity/ durability) 0.10Ω max. (after salt spray) Dielectric Withstanding: 500 VAC max. MATERIAL (JACKS): Bushing: Copper Alloy, nickel plated Terminals: Copper Alloy, silver plated Hardware: P2439 nickel plated copper alloy hex nut P2441 nickel plated steel flat washer Electrical Insulator: High RTI Thermoplastic, Phenolic Contacts: Copper Alloy, silver plated MATERIAL (PLUGS): Plug Sleeve and Pin: Nickel-plated copper alloy. Lock Ring: Nickel-plated copper alloy. Lock Ring Thread Size: 5/16 - 32 UNEF 2B. Finger Insulator: High RTI Thermoplastic Insulating Washers: Phenolic Terminals: Copper alloy, electro-tinned. Handle: High RTI Thermoplastic Handle Thread Size: 5/16 - 24 UNF 2B. MECHANICAL/ ENVIRONMENTAL: Life: 5,000 insertion/withdrawal cycles min Operating Forces: 3 pound maximum insertion 4 ounce minimum withdrawal Temperature Limits: -40°C to 105°C (-40°F to 221°F) |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |