Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NPB637 Datasheet(PDF) 4 Page - Switchcraft, Inc.

Part # NPB637
Description  High Temperature DC Power Jacks & Plugs
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SWITCH [Switchcraft, Inc.]
Direct Link  http://switchcraft.com
Logo SWITCH - Switchcraft, Inc.

NPB637 Datasheet(HTML) 4 Page - Switchcraft, Inc.

  NPB637 Datasheet HTML 1Page - Switchcraft, Inc. NPB637 Datasheet HTML 2Page - Switchcraft, Inc. NPB637 Datasheet HTML 3Page - Switchcraft, Inc. NPB637 Datasheet HTML 4Page - Switchcraft, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
NPB 637
High Temperature DC Power Jacks & Plugs
55 5 5 N EL STON AVE, CHIC A GO , IL 606 30 - 77 3.79 2.2700 - SALES@SW ITCHCRAFT.COM
SPECIFICATIONS
ELECTRICAL:
Voltage Rating:
24V DC resistive
Current Rating:
See current carry table on pg. 2
Insulation Resistance:
1,000 MΩ min.
Contact Resistance:
0.01Ω max. (initial)
0.02Ω max. (after humidity/ durability)
0.10Ω max. (after salt spray)
Dielectric Withstanding:
500 VAC max.
MATERIAL (JACKS):
Bushing:
Copper Alloy, nickel plated
Terminals:
Copper Alloy, silver plated
Hardware:
P2439 nickel plated copper alloy hex nut
P2441 nickel plated steel flat washer
Electrical Insulator:
High RTI Thermoplastic, Phenolic
Contacts:
Copper Alloy, silver plated
MATERIAL (PLUGS):
Plug Sleeve and Pin:
Nickel-plated copper alloy.
Lock Ring:
Nickel-plated copper alloy.
Lock Ring Thread Size:
5/16 - 32 UNEF 2B.
Finger Insulator:
High RTI Thermoplastic
Insulating Washers:
Phenolic
Terminals:
Copper alloy, electro-tinned.
Handle:
High RTI Thermoplastic
Handle Thread Size:
5/16 - 24 UNF 2B.
MECHANICAL/ ENVIRONMENTAL:
Life:
5,000 insertion/withdrawal cycles min
Operating Forces:
3 pound maximum insertion
4 ounce minimum withdrawal
Temperature Limits:
-40°C to 105°C (-40°F to 221°F)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com