Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TSB951IDT Datasheet(PDF) 21 Page - STMicroelectronics

Part # TSB951IDT
Description  High bandwidth (52 MHz), rail-to-rail output, 36 V op amp
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSB951IDT Datasheet(HTML) 21 Page - STMicroelectronics

Back Button TSB951IDT Datasheet HTML 17Page - STMicroelectronics TSB951IDT Datasheet HTML 18Page - STMicroelectronics TSB951IDT Datasheet HTML 19Page - STMicroelectronics TSB951IDT Datasheet HTML 20Page - STMicroelectronics TSB951IDT Datasheet HTML 21Page - STMicroelectronics TSB951IDT Datasheet HTML 22Page - STMicroelectronics TSB951IDT Datasheet HTML 23Page - STMicroelectronics TSB951IDT Datasheet HTML 24Page - STMicroelectronics TSB951IDT Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 38 page
background image
Figure 47. Maximum output current for safe operation on SOT23-5 package
Figure 48. Maximum output current for safe operation on SO8 package
For TSB952, the SO8 package cannot be used at VCC = 36 V and at 125 °C ambient temperature. Due to the
RthJA value, the maximum junction temperature would be reached. The following figure shows the maximum VCC
for a given ambient temperature, considering only the device maximum ICC (output current should also be
considered).
TSB951, TSB952
Application information
DS14576 - Rev 3
page 21/38



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com