Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TSB952 Datasheet(PDF) 36 Page - STMicroelectronics

Part # TSB952
Description  High bandwidth (52 MHz), rail-to-rail output, 36 V op amp
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSB952 Datasheet(HTML) 36 Page - STMicroelectronics

Back Button TSB952 Datasheet HTML 30Page - STMicroelectronics TSB952 Datasheet HTML 31Page - STMicroelectronics TSB952 Datasheet HTML 32Page - STMicroelectronics TSB952 Datasheet HTML 33Page - STMicroelectronics TSB952 Datasheet HTML 34Page - STMicroelectronics TSB952 Datasheet HTML 35Page - STMicroelectronics TSB952 Datasheet HTML 36Page - STMicroelectronics TSB952 Datasheet HTML 37Page - STMicroelectronics TSB952 Datasheet HTML 38Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 36 / 38 page
background image
List of figures
Figure 1.
Pin connections single operational (top view) ............................................... 2
Figure 2.
Pin connections dual operational (top view) ................................................ 2
Figure 3.
Supply current vs. supply voltage ...................................................... 10
Figure 4.
Input offset voltage production distribution at VCC = 5 V ....................................... 10
Figure 5.
Input offset voltage production distribution at VCC = 36 V ...................................... 10
Figure 6.
Input offset voltage vs. temperature at VCC = 5 V ........................................... 10
Figure 7.
Input offset voltage vs. temperature at VCC = 36 V .......................................... 11
Figure 8.
Input offset voltage thermal drift distribution at VCC = 5 V ...................................... 11
Figure 9.
Input offset voltage thermal drift distribution at VCC = 36 V ..................................... 11
Figure 10.
Input offset voltage vs. supply voltage ................................................... 11
Figure 11.
Input offset voltage vs. common-mode voltage at VCC = 5 V .................................... 11
Figure 12.
Input offset voltage vs. common-mode voltage at VCC = 36 V ................................... 11
Figure 13.
Input bias current vs. temperature ...................................................... 12
Figure 14.
Input bias current vs. common-mode voltage at VCC = 5 V ..................................... 12
Figure 15.
Input bias current vs. common-mode voltage at VCC = 36 V .................................... 12
Figure 16.
Output current vs. output voltage at VCC = 5 V ............................................. 12
Figure 17.
Output current vs. output voltage at VCC = 36 V ............................................ 12
Figure 18.
Output saturation voltage (VOL) vs. supply voltage with RL = 10 kΩ ............................... 12
Figure 19.
Output saturation voltage (VOH) vs. supply voltage with RL = 10 kΩ............................... 13
Figure 20.
Output saturation voltage (VOL) vs. supply voltage with RL = 600 Ω ............................... 13
Figure 21.
Output saturation voltage (VOH) vs. supply voltage with RL = 600 Ω............................... 13
Figure 22.
Positive slew rate at VCC = 36 V ....................................................... 13
Figure 23.
Negative slew rate at VCC = 36 V ...................................................... 14
Figure 24.
Slew rate vs. VCC ................................................................. 14
Figure 25.
Open loop bode diagram at VCC = 5 V ................................................... 14
Figure 26.
Open loop bode diagram at VCC = 36 V .................................................. 14
Figure 27.
Closed loop bode diagram at VCC = 5 V.................................................. 14
Figure 28.
Closed loop bode diagram at VCC = 36 V ................................................. 14
Figure 29.
Phase margin vs. common-mode voltage and load current at VCC = 5 V ........................... 15
Figure 30.
Phase margin vs. capacitive load ...................................................... 15
Figure 31.
Small step response at VCC = 5 V ...................................................... 15
Figure 32.
Small step response at VCC = 36 V ..................................................... 15
Figure 33.
Desaturation from low rail at VCC = 36 V ................................................. 15
Figure 34.
Desaturation from high rail at VCC = 36 V ................................................. 15
Figure 35.
Small step overshoot vs. load capacitance ................................................ 16
Figure 36.
Linearity vs. load resistance at VCC = 5 V................................................. 16
Figure 37.
Settling time high to low at VCC = 36 V................................................... 16
Figure 38.
Settling time low to high at VCC = 36 V................................................... 16
Figure 39.
Noise vs. frequency................................................................ 16
Figure 40.
Noise vs. time at VCC = 36 V ......................................................... 16
Figure 41.
THD+N vs. output voltage at VCC = 36 V ................................................. 17
Figure 42.
CMRR vs. frequency at VCC = 12 V..................................................... 17
Figure 43.
PSRR vs. frequency at VCC = 12 V ..................................................... 17
Figure 44.
Input current limitation .............................................................. 18
Figure 45.
EMIRR on In+ and In- pins ........................................................... 19
Figure 46.
Maximum VCC for safe operation using SOT23-5 package ..................................... 20
Figure 47.
Maximum output current for safe operation on SOT23-5 package ................................ 21
Figure 48.
Maximum output current for safe operation on SO8 package ................................... 21
Figure 49.
Maximum VCC for safe operation using SO8 package ........................................ 22
TSB951, TSB952
List of figures
DS14576 - Rev 3
page 36/38



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com