Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TSB951 Datasheet(PDF) 2 Page - STMicroelectronics

Part # TSB951
Description  High bandwidth (52 MHz), rail-to-rail output, 36 V op amp
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSB951 Datasheet(HTML) 2 Page - STMicroelectronics

  TSB951 Datasheet HTML 1Page - STMicroelectronics TSB951 Datasheet HTML 2Page - STMicroelectronics TSB951 Datasheet HTML 3Page - STMicroelectronics TSB951 Datasheet HTML 4Page - STMicroelectronics TSB951 Datasheet HTML 5Page - STMicroelectronics TSB951 Datasheet HTML 6Page - STMicroelectronics TSB951 Datasheet HTML 7Page - STMicroelectronics TSB951 Datasheet HTML 8Page - STMicroelectronics TSB951 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 38 page
background image
1
Pin configuration
Figure 1. Pin connections single operational (top view)
OUT
VCC-
IN+
VCC+
IN-
1
2
3
4
5
SOT23-5 (TSB951)
SO8 (TSB951)
1
2
3
4
5
6
7
8
-
+
NC
IN-
IN+
VCC-
NC
VCC+
OUT
NC
(1) NC = no connection
(1)
+
-
Figure 2. Pin connections dual operational (top view)
Out1
In1-
In1+
VCC-
VCC+
Out2
In2-
In2+
DFN8 (3 x 3) (TSB952)
1
2
3
4
8
7
6
5
Out1
IN1-
IN1+
VCC-
VCC+
Out2
IN2-
IN2+
1
2
3
4
8
7
6
5
-
+
-
+
SO8 (TSB952)
(1)
TSB951, TSB952
Pin configuration
DS14576 - Rev 3
page 2/38



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com