Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MCPWR02 Datasheet(PDF) 2 Page - Multicomp Pro

Part # MCPWR02
Description  Chip Resistors Pulse Withstanding
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro

MCPWR02 Datasheet(HTML) 2 Page - Multicomp Pro

  MCPWR02 Datasheet HTML 1Page - Multicomp Pro MCPWR02 Datasheet HTML 2Page - Multicomp Pro MCPWR02 Datasheet HTML 3Page - Multicomp Pro MCPWR02 Datasheet HTML 4Page - Multicomp Pro MCPWR02 Datasheet HTML 5Page - Multicomp Pro MCPWR02 Datasheet HTML 6Page - Multicomp Pro MCPWR02 Datasheet HTML 7Page - Multicomp Pro MCPWR02 Datasheet HTML 8Page - Multicomp Pro  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Page <2>
V1.0
19/11/19
Chip Resistors
Pulse Withstanding
Newark.com/multicomp-pro
Farnell.com/multicomp-pro
Element14.com/multicomp-pro
Derating Curve:
Standard Electrical Specifications
High Power and Ultra High Rating Electrical Specifications
Type
Power Rating
at 70°C
Operating
Temp. Range
Max.
Operating
Voltage
Max.
Overload
Voltage
Resistance Range
TCR
(PPM/°C)
±0.5%
(E24,E96)
±1%
(E24,E96)
±5%
(E24)
0402
1/5W
-55°C to +155°C
50V
100V
-
1Ω-20Ω
±300
100Ω-1MΩ
20.5Ω-1MΩ
±100
0603
1/10W
-55°C to +155°C
50V
100V
10Ω - 294Ω
1Ω - 294Ω
±200
300Ω - 1MΩ
±100
0805
1/8W
-55°C to +155°C
150V
300V
10Ω - 294Ω
1Ω - 294Ω
±200
300Ω - 20MΩ
±100
1206
1/3W
-55°C to +155°C
200V
400V
10Ω - 20Ω
1Ω - 20Ω
±200
20.5Ω - 20MΩ
±100
1210
1/2W
-55°C to +155°C
200V
400V
10Ω - 20Ω
1Ω - 20Ω
±200
20.5Ω - 20MΩ
±100
2010
3/4W
-55°C to +155°C
400V
800V
10Ω - 20Ω
1Ω - 20Ω
±200
20.5Ω - 20MΩ
±100
2512
1.5W
-55°C to +155°C
500V
1000V
10Ω - 20Ω
1Ω - 20Ω
±200
20.5Ω - 20MΩ
±100
Type
Power Rating
at 70°C
Operating
Temp. Range
Max.
Operating
Voltage
Max.
Overload
Voltage
Resistance Range
TCR
(PPM/°C)
±0.5%
(E24,E96)
±1%
(E24,E96)
±5%
(E24)
0603)
1/4W
-55°C to +155°C
75V
150V
10Ω - 294Ω
1Ω - 294Ω
±200
300Ω - 1MΩ
±100
0805
2/5W
-55°C to +155°C
150V
300V
10Ω - 294Ω
1Ω - 294Ω
±200
300Ω - 1MΩ
±100
0805
1/2W *
-55°C to +155°C
400V
600V
10Ω - 294Ω
1Ω - 294Ω
±200
300Ω - 1MΩ
±100



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com