Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TSZ901ILT Datasheet(PDF) 3 Page - STMicroelectronics

Part # TSZ901ILT
Description  Very high accuracy (5 μV) high bandwidth (10 MHz) zero drift 5 V op amp
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSZ901ILT Datasheet(HTML) 3 Page - STMicroelectronics

  TSZ901ILT Datasheet HTML 1Page - STMicroelectronics TSZ901ILT Datasheet HTML 2Page - STMicroelectronics TSZ901ILT Datasheet HTML 3Page - STMicroelectronics TSZ901ILT Datasheet HTML 4Page - STMicroelectronics TSZ901ILT Datasheet HTML 5Page - STMicroelectronics TSZ901ILT Datasheet HTML 6Page - STMicroelectronics TSZ901ILT Datasheet HTML 7Page - STMicroelectronics TSZ901ILT Datasheet HTML 8Page - STMicroelectronics TSZ901ILT Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
2
Maximum ratings
Table 2. Absolute maximum ratings
Symbol
Parameter (1)
Value
Unit
VCC
Supply voltage
6
V
Vid
Input voltage differential (VIN+ - VIN-)
±VCC
V
Vin
Input voltage (2)
(VCC-) - 0.2 to (VCC+) + 0.2
V
Iin
Input current
±10
mA
Tstg
Storage temperature
-65 to +150
°C
Tj
Maximum junction temperature
150
Rth-ja (3)
Thermal resistance junction-to-ambient
°C/W
SOT23-5
250
Tj
Maximum junction temperature
150
°C
ESD
HBM: human body model (industrial grade) (4)
4
kV
HBM: human body model (automotive grade) (5)
4
kV
CDM: charged device model (6)
1
kV
1. All voltage values are with respect to the VCC- pin, unless otherwise specified.
2. The maximum input voltage differential value may be extended under the condition that the input current is limited to ±10
mA.
3. Rth-ja is a typical value, obtained with PCB according to JEDEC 2s2p without vias.
4. Human body model: HBM test according to the standard ESDA-JS-001-2017.
5. Human body model: HBM test according to the standard AEC-Q100-002.
6. Charged device model: the CDM test is performed according to the standard AEC-Q100-011.
Table 3. Operating conditions
Symbol
Parameter
Value
Unit
VCC
Supply voltage
2.5 to 5.5
V
Vicm
Common-mode input voltage range
VCC- – 0.1 V to VCC+ + 0.1 V
V
Toper
Operating free-air temperature range
-40 to 125
°C
TSZ901
Maximum ratings
DS15041 - Rev 1
page 3/15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com