Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTLOCK4D Datasheet(PDF) 4 Page - StarTech.com Ltd.

Part # LTLOCK4D
Description  Laptop Cable Lock - With Swivel Hinge - 4-Digit Combination Lock
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STARTECH [StarTech.com Ltd.]
Direct Link  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.

LTLOCK4D Datasheet(HTML) 4 Page - StarTech.com Ltd.

  LTLOCK4D Datasheet HTML 1Page - StarTech.com Ltd. LTLOCK4D Datasheet HTML 2Page - StarTech.com Ltd. LTLOCK4D Datasheet HTML 3Page - StarTech.com Ltd. LTLOCK4D Datasheet HTML 4Page - StarTech.com Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Warranty
2 Years
Hardware
K-Lock Slot
Kensington Standard Slot (K-Slot)
Special Notes /
Requirements
Note
This locking cable works with devices with the industry-
standard Kensington lock slot (K-Slot). It does not work with
devices with the wedge lock slot.
Physical
Characteristics
Color
Silver & Black
Enclosure Type
Zinc Alloy
Product Height
0.6 in [1.6 cm]
Product Length
6.7 ft [2 m]
Product Width
2.2 in [55.1 mm]
Weight of Product
5.1 oz [145 g]
Packaging
Information
Package Height
0 in [0.1 mm]
Package Length
8.7 in [22 cm]
Package Width
5 in [12.8 cm]
Shipping (Package) Weight
0.3 lb [0.1 kg]
What's in the Box
Included in Package
1 - Laptop Combination Lock
1 - Hook-and-Loop Strap
1 - Quick-Start Guide
Product appearance and specifications are subject to change without notice.
www.startech.com
1 800 265 1844



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com