Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LF2628NP-R113 Datasheet(PDF) 1 Page - Sumida Corporation

Part # LF2628NP-R113
Description  AC COMMON MODE COIL
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

LF2628NP-R113 Datasheet(HTML) 1 Page - Sumida Corporation

  LF2628NP-R113 Datasheet HTML 1Page - Sumida Corporation LF2628NP-R113 Datasheet HTML 2Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
AC COMMON MODE COIL <Pin Type: LF Series>
Type: LF2628
Please refer to the sales offices on our website for a representative near you
www.sumida.com
1/2
Product Description
27.0×19.5mm Max.(L×W), 29.0mm Max. Height .
Inductance range: 2.2mH~100mH
Rated current range: 0.5~3.0A
In addition to the standard versions of parameters shown here,
custom designs are available to meet your exact requirements.
Feature
Large inductance is possible with closed magnetic core.
Inexpensive type.
Exellent attenuation characteristics in low frequency range.
Ideally used in TV,VCR,AV,OA equipment for noise prevention.
RoHS Compliance
Dimensions (mm)
Dimension does not include solder used on coil.
Terminal pitch is measured at the base(not from tip of the pin)
Schematics (Bottom)
Winding start is #1,#4 or #2,#3.
#1&#4, #2&#3:should be same polarity.


Similar Part No. - LF2628NP-R113

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
LF2 GOOD-ARK-LF2 Datasheet
180Kb / 4P
Surface Mount Glass Passivated Fast Recovery Rectifier
logo
RCD COMPONENTS INC.
LF2-1000FB RCD-LF2-1000FB Datasheet
84Kb / 1P
FAILSAFE FUSIBLE WIREWOUND RESISTORS
LF2-1000GB RCD-LF2-1000GB Datasheet
84Kb / 1P
FAILSAFE FUSIBLE WIREWOUND RESISTORS
LF2-1000HB RCD-LF2-1000HB Datasheet
84Kb / 1P
FAILSAFE FUSIBLE WIREWOUND RESISTORS
LF2-1000JB RCD-LF2-1000JB Datasheet
84Kb / 1P
FAILSAFE FUSIBLE WIREWOUND RESISTORS
More results

Similar Description - LF2628NP-R113

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
UU9LFB SUMIDA-UU9LFB_06 Datasheet
144Kb / 2P
AC COMMON MODE COIL
UU9LF SUMIDA-UU9LF_06 Datasheet
130Kb / 2P
AC COMMON MODE COIL
UU16LF SUMIDA-UU16LF_06 Datasheet
135Kb / 2P
AC COMMON MODE COIL
UU10LF SUMIDA-UU10LF_06 Datasheet
144Kb / 2P
AC COMMON MODE COIL
PFC2225B SUMIDA-PFC2225B Datasheet
148Kb / 2P
AC COMMON MODE COIL
PFC2831C SUMIDA-PFC2831C Datasheet
174Kb / 1P
AC COMMON MODE COIL
PFD1617 SUMIDA-PFD1617 Datasheet
125Kb / 1P
AC COMMON MODE COIL
LF2020B SUMIDA-LF2020B Datasheet
127Kb / 2P
AC COMMON MODE COIL
LF2429 SUMIDA-LF2429 Datasheet
162Kb / 1P
AC COMMON MODE COIL
LF2829 SUMIDA-LF2829 Datasheet
125Kb / 1P
AC COMMON MODE COIL
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com