Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

3241237 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 3241237
Description  WP-CN PA M40 BK - Counter nut
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

3241237 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  3241237 Datasheet HTML 1Page - PHOENIX CONTACT 3241237 Datasheet HTML 2Page - PHOENIX CONTACT 3241237 Datasheet HTML 3Page - PHOENIX CONTACT 3241237 Datasheet HTML 4Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Please be informed that the data shown in this PDF document is generated from our online catalog. Please find the complete data in the user
documentation. Our general terms of use for downloads are valid.
Counter nut, for threads M40, color: black
Your advantages
The polyamide counter nuts are used to lock protective hose screw connections in the case of bore holes without a thread.
•
Commercial data
Item number
3241237
Packing unit
50 pc
Minimum order quantity
50 pc
Sales key
BF68
Product key
AF7DSA
GTIN
4046356868174
Weight per piece (including packing)
6.514 g
Weight per piece (excluding packing)
6.514 g
Customs tariff number
39269097
Country of origin
DE
WP-CN PA M40 BK - Counter nut
3241237
https://www.phoenixcontact.com/us/products/3241237
Sep 17, 2025, 2:39AM
Page 1 (4)


Similar Part No. - 3241237

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
3241231 PHOENIX-3241231 Datasheet
177Kb / 4P
WP-CN PA M10 BK - Counter nut
3241232 PHOENIX-3241232 Datasheet
181Kb / 4P
WP-CN PA M12 BK - Counter nut
3241233 PHOENIX-3241233 Datasheet
181Kb / 4P
WP-CN PA M16 BK - Counter nut
3241234 PHOENIX-3241234 Datasheet
182Kb / 4P
WP-CN PA M20 BK - Counter nut
3241235 PHOENIX-3241235 Datasheet
179Kb / 4P
WP-CN PA M25 BK - Counter nut
More results

Similar Description - 3241237

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
3241133 PHOENIX-3241133 Datasheet
52Kb / 2P
Nut - WP-CN PA M16
09/12/2020
3241138 PHOENIX-3241138 Datasheet
51Kb / 2P
Nut - WP-CN PA PG7
09/12/2020
3241139 PHOENIX-3241139 Datasheet
51Kb / 2P
Nut - WP-CN PA PG9
09/12/2020
3241141 PHOENIX-3241141 Datasheet
51Kb / 2P
Nut - WP-CN PA PG16
09/12/2020
3240957 PHOENIX-3240957 Datasheet
66Kb / 4P
Screw connection - WP-GR HF IP66 M40 BK
09/12/2020
3240901 PHOENIX-3240901 Datasheet
72Kb / 4P
Screw connection - WP-G HF IP66 M40 BK
09/12/2020
3240842 PHOENIX-3240842 Datasheet
105Kb / 6P
Protective hose - WP-PA HF-HB 28,5 BK
09/12/2020
3241148 PHOENIX-3241148 Datasheet
52Kb / 2P
Nut - WP-CN BRASS M20
09/12/2020
3241153 PHOENIX-3241153 Datasheet
53Kb / 2P
Nut - WP-CN BRASS PG9
09/12/2020
3241157 PHOENIX-3241157 Datasheet
52Kb / 2P
Nut - WP-CN BRASS PG29
09/12/2020
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com