Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

INA193AMDBVREP Datasheet(PDF) 1 Page - Texas Instruments

Part # INA193AMDBVREP
Description  CURRENT SHUNT MONITORS –16-V to 80-V COMMON MODE RANGE
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA193AMDBVREP Datasheet(HTML) 1 Page - Texas Instruments

  INA193AMDBVREP Datasheet HTML 1Page - Texas Instruments INA193AMDBVREP Datasheet HTML 2Page - Texas Instruments INA193AMDBVREP Datasheet HTML 3Page - Texas Instruments INA193AMDBVREP Datasheet HTML 4Page - Texas Instruments INA193AMDBVREP Datasheet HTML 5Page - Texas Instruments INA193AMDBVREP Datasheet HTML 6Page - Texas Instruments INA193AMDBVREP Datasheet HTML 7Page - Texas Instruments INA193AMDBVREP Datasheet HTML 8Page - Texas Instruments INA193AMDBVREP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
DBV PACKAGE
(TOP VIEW)
1
2
3
5
4
OUT
GND
V
IN+
V+
V
IN
-
INA193A-EP
www.ti.com
SBOS400A – MAY 2007 – REVISED SEPTEMBER 2013
CURRENT SHUNT MONITORS
–16-V to 80-V COMMON MODE RANGE
Check for Samples: INA193A-EP
1
FEATURES
SUPPORTS DEFENSE, AEROSPACE,
AND MEDICAL APPLICATIONS
•
Wide Common-Mode Voltage:
–16 V to 80 V
•
Controlled Baseline
•
Low Error: 3.0% Over Temp (Max)
•
One Assembly/Test Site
•
Bandwidth: Up to 500 kHz
•
One Fabrication Site
•
Three Transfer Functions Available: 20 V/V,
•
Available in Military (–55°C/125°C)
50 V/V, and 100 V/V
Temperature Range (1)
•
Complete Current Sense Solution
•
Extended Product Life Cycle
•
Extended Product-Change Notification
APPLICATIONS
•
Product Traceability
•
Welding Equipment
•
Notebook Computers
•
Cell Phones
•
Telecom Equipment
•
Automotive
•
Power Management
•
Battery Chargers
(1)
Additional temperature ranges available - contact factory
DESCRIPTION
The INA193A current shunt monitors with voltage output can sense drops across shunts at common-mode
voltages from –16 V to 80 V, independent of the INA19x supply voltage. They are available with three output
voltage scales: 20 V/V, 50 V/V, and 100 V/V. The 500-kHz bandwidth simplifies use in current control loops.
The INA193A operates from a single 2.7-V to 18-V supply, drawing a maximum of 1300-
μA of supply current. It
is specified over the extended operating temperature range (–55°C to 125°C), and is offered in a space-saving
SOT23 package.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2007–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - INA193AMDBVREP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA193AMDBVREP TI1-INA193AMDBVREP Datasheet
465Kb / 20P
CURRENT SHUNT MONITORS??6 V to 80 V Common Mode Range
INA193AMDBVREPG4 TI1-INA193AMDBVREPG4 Datasheet
465Kb / 20P
CURRENT SHUNT MONITORS??6 V to 80 V Common Mode Range
More results

Similar Description - INA193AMDBVREP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA193A-EP TI1-INA193A-EP Datasheet
465Kb / 20P
CURRENT SHUNT MONITORS??6 V to 80 V Common Mode Range
INA193A-Q1 TI1-INA193A-Q1 Datasheet
464Kb / 22P
CURRENT SHUNT MONITORS ??6-V to 80-V Common-Mode Range
INA193AIDBVRG4 TI1-INA193AIDBVRG4 Datasheet
627Kb / 24P
CURRENT SHUNT MONITOR ??6V to 80V Common-Mode Range
INA193A-EP TI-INA193A-EP_15 Datasheet
918Kb / 23P
CURRENT SHUNT MONITORS ??6-V to 80-V COMMON MODE RANGE
INA193A-Q1 TI-INA193A-Q1_15 Datasheet
945Kb / 30P
INA19xA-Q1 Current Shunt Monitors ??6-V to 80-V Common-Mode Range
INA195 TI-INA195_15 Datasheet
1Mb / 33P
INA19x Current Shunt Monitor ??6 V to 80 V Common-Mode Range
INA193 TI1-INA193_15 Datasheet
1Mb / 33P
Current Shunt Monitor ??6 V to 80 V Common-Mode Range
INA193A-Q1 TI1-INA193A-Q1_15 Datasheet
1Mb / 30P
Current Shunt Monitors ??6-V to 80-V Common-Mode Range
INA193 TI1-INA193_17 Datasheet
1Mb / 33P
Current Shunt Monitor ??6 V to 80 V Common-Mode Range
logo
ON Semiconductor
NCS21673 ONSEMI-NCS21673 Datasheet
873Kb / 16P
Current-Shunt Monitors, 40 V Common Mode, Unidirectional, Single, Dual, Quad
August, 2021 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com