Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MBR10H100CTG. Datasheet(PDF) 2 Page - ON Semiconductor

Part # MBR10H100CTG.
Description  SWITCHMODE Power Rectifier 100 V, 10 A
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MBR10H100CTG. Datasheet(HTML) 2 Page - ON Semiconductor

  MBR10H100CTG. Datasheet HTML 1Page - ON Semiconductor MBR10H100CTG. Datasheet HTML 2Page - ON Semiconductor MBR10H100CTG. Datasheet HTML 3Page - ON Semiconductor MBR10H100CTG. Datasheet HTML 4Page - ON Semiconductor MBR10H100CTG. Datasheet HTML 5Page - ON Semiconductor MBR10H100CTG. Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
MBR10H100CT
http://onsemi.com
2
MAXIMUM RATINGS (Per Diode Leg)
Rating
Symbol
Value
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
100
V
Average Rectified Forward Current
(Rated VR) TC = 168°C
IF(AV)
5.0
A
Peak Repetitive Forward Current
(Rated VR, Square Wave, 20 kHz) TC = 165°C
IFRM
10
A
Nonrepetitive Peak Surge Current
(Surge applied at rated load conditions halfwave, single phase, 60 Hz)
IFSM
180
A
Operating Junction Temperature (Note 1)
TJ
+175
°C
Storage Temperature
Tstg
*65 to +175
°C
Voltage Rate of Change (Rated VR)
dv/dt
10,000
V/ms
Controlled Avalanche Energy (see test conditions in Figures 10 and 11)
WAVAL
100
mJ
ESD Ratings: Machine Model = C
Human Body Model = 3B
> 400
> 8000
V
THERMAL CHARACTERISTICS
Maximum Thermal Resistance − Junction−to−Case
− Junction−to−Ambient
RqJC
RqJA
2.0
60
°C/W
ELECTRICAL CHARACTERISTICS (Per Diode Leg)
Maximum Instantaneous Forward Voltage (Note 2)
(IF = 5.0 A, TC = 25°C)
(IF = 5.0 A, TC = 125°C)
(IF = 10 A, TC = 25°C)
(IF = 10 A, TC = 125°C)
vF
0.73
0.61
0.85
0.71
V
Maximum Instantaneous Reverse Current (Note 2)
(Rated DC Voltage, TC = 125°C)
(Rated DC Voltage, TC = 25°C)
iR
4.5
0.0035
mA
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the
Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect
device reliability.
1. The heat generated must be less than the thermal conductivity from Junction−to−Ambient: dPD/dTJ < 1/RqJA.
2. Pulse Test: Pulse Width = 300 ms, Duty Cycle ≤ 2.0%.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com