Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BUL57FP Datasheet(PDF) 1 Page - STMicroelectronics

Part # BUL57FP
Description  HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTORS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BUL57FP Datasheet(HTML) 1 Page - STMicroelectronics

  BUL57FP Datasheet HTML 1Page - STMicroelectronics BUL57FP Datasheet HTML 2Page - STMicroelectronics BUL57FP Datasheet HTML 3Page - STMicroelectronics BUL57FP Datasheet HTML 4Page - STMicroelectronics BUL57FP Datasheet HTML 5Page - STMicroelectronics BUL57FP Datasheet HTML 6Page - STMicroelectronics BUL57FP Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
BUL57
BUL57FP
HIGH VOLTAGE FAST-SWITCHING
NPN POWER TRANSISTORS
s
STMicroelectronics PREFERRED
SALESTYPES
s
NPN TRANSISTORS
s
HIGH VOLTAGE CAPABILITY
s
LOW SPREAD OF DYNAMIC PARAMETERS
s
MINIMUM LOT-TO-LOT SPREAD FOR
RELIABLE OPERATION
s
VERY HIGH SWITCHING SPEED
s
FULLY CHARACTERIZED AT 125
oC
s
LARGE RBSOA
s
TO-220FP FULLY ISOLATED PACKAGE
(U.L. COMPLIANT)
APPLICATIONS:
s
ELECTRONIC BALLASTS FOR
FLUORESCENT LIGHTING
s
SWITCH MODE POWER SUPPLIES
DESCRIPTION
The devices are manufactured using high voltage
Multi
Epitaxial
Planar
technology
for
high
switching speeds and medium voltage capability.
They use a Cellular Emitter structure with planar
edge termination to enhance switching speeds.
The devices are designed for use in lighting
applications and low cost switch-mode power
supplies.
INTERNAL SCHEMATIC DIAGRAM
January 1999
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Val ue
Uni t
BUL57
BUL57FP
VCES
Collector-Emit ter Volt age (VBE = 0)
700
V
VCEO
Collector-Emit ter Volt age (IB = 0)
400
V
VEBO
Emitt er-Base Voltage (IC =0)
9
V
IC
Collector Current
8
A
ICM
Collector Peak Current (tp <5 ms)
16
A
IB
Base Current
4
A
IBM
Base Peak Current (tp <5 ms)
7
A
Ptot
Tot al Dissipation at Tc =25
oC85
35
W
Tstg
St orage Temperature
-65 to 150
oC
Tj
Max. Operat ing Junction Temperat ure
150
oC
1
2
3
TO-220
TO-220FP
1
2
3
®
1/7


Similar Part No. - BUL57FP

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
BUL57 ISC-BUL57 Datasheet
190Kb / 2P
isc Silicon NPN Power Transistor
logo
Seme LAB
BUL57A SEME-LAB-BUL57A Datasheet
19Kb / 2P
ADVANCED DISTRIBUTED BASE DESIGN HIGH VOLTAGE HIGH SPEED NPN SILICON POWER TRANSISTOR
BUL57ASMD SEME-LAB-BUL57ASMD Datasheet
14Kb / 1P
Bipolar NPN Device in a Hermetically sealed
More results

Similar Description - BUL57FP

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BU208A STMICROELECTRONICS-BU208A Datasheet
78Kb / 8P
HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTORS
Nov-1999
BU208D STMICROELECTRONICS-BU208D Datasheet
75Kb / 8P
HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTORS
Jun-1998
BUF405A STMICROELECTRONICS-BUF405A Datasheet
51Kb / 6P
HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTORS
Jan-1999
BULT118 STMICROELECTRONICS-BULT118 Datasheet
74Kb / 7P
HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTORS
Jun-2000
SGSIF344 STMICROELECTRONICS-SGSIF344 Datasheet
90Kb / 7P
HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTORS
Jun-1997
ST13007N STMICROELECTRONICS-ST13007N Datasheet
75Kb / 7P
HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTORS
Mar-1999
BU208D STMICROELECTRONICS-BU208D Datasheet
80Kb / 8P
HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTORS
Jun-1998
SGSF313 STMICROELECTRONICS-SGSF313 Datasheet
231Kb / 6P
HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTORS
BU208A STMICROELECTRONICS-BU208A_02 Datasheet
240Kb / 8P
HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTORS
Apr-2002
BUL741FP STMICROELECTRONICS-BUL741FP_V01 Datasheet
334Kb / 12P
High voltage fast-switching NPN power transistors
18-Aug-2009
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com