Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BL-R2139-T Datasheet(PDF) 1 Page - BRIGHT LED ELECTRONICS CORP

Part # BL-R2139-T
Description  GaP/ GaP Green Low power consumption.
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BRIGHT [BRIGHT LED ELECTRONICS CORP]
Direct Link  http://www.brightled.co.kr
Logo BRIGHT - BRIGHT LED ELECTRONICS CORP

BL-R2139-T Datasheet(HTML) 1 Page - BRIGHT LED ELECTRONICS CORP

  BL-R2139-T Datasheet HTML 1Page - BRIGHT LED ELECTRONICS CORP BL-R2139-T Datasheet HTML 2Page - BRIGHT LED ELECTRONICS CORP  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
B
BR
RIIG
GH
HT
T L
LE
ED
D E
EL
LE
EC
CT
TR
RO
ON
NIIC
CS
S C
CO
OR
RP
P..
B
BL
L--R
R2
21
13
39
9--T
T
Ver.2.0 Page: 1 of 2
SINCE 1981
2.6(.102)
1.0(.039) MIN.
25.4(1.00) MIN.
7.8(.307)
1.5(.059)
MAX.
2.54(.100)
NOM.
6.8(.268)
0.5(.020)
SQ.TYP.
7.0(.276)
2.5(.098)
Notes:
1. All dimensions are in millimeters (inches).
2. Tolerance is ±0.25mm (0.01”) unless otherwise specified.
3. Lead spacing is measured where the leads emerge from
the package.
4. Specifications are subject to change without notice.
● Features:
● Package dimensions
1. Chip material: GaP/ GaP
2. Emitted color : Green
3. Lens Appearance : Green Diffused
4. Low power consumption.
5. Most suitable for use like level indicator.
6. Excellent uniformity of light emittance.
7. Long life solid state reliability.
8. Compatible.
9. This product don’t contained restriction
substance, compliance ROHS standard.
● Applications:
1. TV set
2. Monitor
3. Telephone
4. Computer
5. Circuit board
● Absolute maximum ratings(Ta=25℃)
Parameter
Symbol
Rating
Unit
Power Dissipation
Pd
80
mW
Forward Current
IF
30
mA
Peak Forward Current*1
IFP
150
mA
Reverse Voltage
VR
5
V
Operating Temperature
Topr
-40℃~80℃
Storage Temperature
Tstg
-40℃~85℃
Soldering Temperature
Tsol
260℃(for 5 seconds)
*1Condition for IFP is pulse of 1/10 duty and 0.1msec width.


Similar Part No. - BL-R2139-T

ManufacturerPart #DatasheetDescription
logo
Yellow Stone Corp
BL-R2139-T YSTONE-BL-R2139-T Datasheet
372Kb / 2P
STANDARD LED LAMPS (RECTANGULAR TYPES)
More results

Similar Description - BL-R2139-T

ManufacturerPart #DatasheetDescription
logo
BRIGHT LED ELECTRONICS ...
BL-R2122 BRIGHT-BL-R2122 Datasheet
130Kb / 2P
GaP /GaP Green Low power consumption.
BL-R2130N BRIGHT-BL-R2130N Datasheet
132Kb / 2P
GaP/GaP Green Low power consumption
BL-R2132K BRIGHT-BL-R2132K Datasheet
137Kb / 2P
GaP /GaP Green Low power consumption.
BL-R2132W BRIGHT-BL-R2132W Datasheet
131Kb / 2P
GaP /GaP green Low power consumption.
BL-R2136A BRIGHT-BL-R2136A Datasheet
131Kb / 2P
GaP/GaP Green Low power consumption.
BL-R2139A BRIGHT-BL-R2139A Datasheet
138Kb / 2P
GaP/ GaP Green Low power consumption.
BL-S2133 BRIGHT-BL-S2133 Datasheet
132Kb / 2P
GaP/GaP Green Low power consumption.
BL-S2137 BRIGHT-BL-S2137 Datasheet
133Kb / 2P
GaP/GaP Green Low power consumption.
BL-S5131 BRIGHT-BL-S5131 Datasheet
148Kb / 3P
GaP/GaP GaP/GaP Low power consumption.
BL-W2334B-S BRIGHT-BL-W2334B-S Datasheet
142Kb / 2P
GaP/GaP Green Low power consumption.
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com