| Electronic Components Datasheet Search |
|
L6563ATR Datasheet(PDF) 21 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L6563ATR Datasheet(HTML) 21 Page - STMicroelectronics |
|
21 / 39 page ![]() L6563 - L6563A Application information 21/39 6.4 THD optimizer circuit The L6563/A is provided with a special circuit that reduces the conduction dead-angle occurring to the AC input current near the zero-crossings of the line voltage (crossover distortion). In this way the THD (Total Harmonic Distortion) of the current is considerably reduced. A major cause of this distortion is the inability of the system to transfer energy effectively when the instantaneous line voltage is very low. This effect is magnified by the high- frequency filter capacitor placed after the bridge rectifier, which retains some residual voltage that causes the diodes of the bridge rectifier to be reverse-biased and the input current flow to temporarily stop. To overcome this issue the device forces the PFC pre-regulator to process more energy near the line voltage zero-crossings as compared to that commanded by the control loop. This will result in both minimizing the time interval where energy transfer is lacking and fully discharging the high-frequency filter capacitor after the bridge. Figure 37 shows the internal block diagram of the THD optimizer circuit. Figure 37. THD optimizer circuit + + MULT COMP t @ Vac1 @ Vac2 > Vac1 t t to PWM comparator MULTIPLIER OFFSET GENERATOR t VFF 1 / V 2 t t + + MULT COMP t @ Vac1 @ Vac2 > Vac1 t t to PWM comparator MULTIPLIER MULTIPLIER OFFSET GENERATOR OFFSET GENERATOR t VFF 1 / V 2 1 / V 2 t t |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |