| Electronic Components Datasheet Search |
|
LP8550TLE/NOPB Datasheet(PDF) 25 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
LP8550TLE/NOPB Datasheet(HTML) 25 Page - Texas Instruments |
|
25 / 49 page ![]() A/ NA S '0' Slave Address (7 bits) Control Register Add. (8 bits) A A Data- Data (8 bits) P R/W Data transfered, byte + Ack/NAck Sr Slave Address (7 bits) '1' A R/W Direction of the transfer will change at this point From Master to Slave From Slave to Master A - ACKNOWLEDGE (SDA Low) S - START CONDITION P - STOP CONDITION Sr - REPEATED START CONDITION Register Read Format NA - ACKNOWLEDGE (SDA High) S '0' Slave Address (7 bits) Control Register Add. (8 bits) A A A Register Data (8 bits) P R/W From Master to Slave From Slave to Master A - ACKNOWLEDGE (SDA Low) S - START CONDITION P - STOP CONDITION Data transfered, byte + Ack Register Write Format LP8550 www.ti.com SNVS657E – SEPTEMBER 2010 – REVISED SEPTEMBER 2014 <>Data from master [ ] Data from slave Figure 24. Register Write Figure 25. Register Read 8.5.2 EEPROM EEPROM memory stores various parameters for chip control. The 64-bit EEPROM memory is organized as 8 x 8 bits. The EEPROM structure consists of a register front-end and the non-volatile memory (NVM). Register data can be read and written through the serial interface, and data is effective immediately. To read and program NVM, separate commands need to be sent. Erase and program voltages are generated on-chip charge pump, no other voltages than normal input voltage are required. A complete EEPROM memory map is shown in the EEPROM Register Map. NOTE EEPROM NVM can be programmed or read by customer for bench validation. Programming for production devices should be done in TI production test, where appropriate checks are performed to confirm EEPROM validity. Writing to EEPROM Control register of production devices (for burning or reading EEPROM) is not recommended. If special EEPROM configuration is required, please contact the TI Sales Office for availability. Copyright © 2010–2014, Texas Instruments Incorporated Submit Documentation Feedback 25 Product Folder Links: LP8550 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |