Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TOP201YAI Datasheet(PDF) 13 Page - Power Integrations, Inc.

Part # TOP201YAI
Description  Three-terminal Off-line PWM Switch
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

TOP201YAI Datasheet(HTML) 13 Page - Power Integrations, Inc.

Back Button TOP201YAI Datasheet HTML 8Page - Power Integrations, Inc. TOP201YAI Datasheet HTML 9Page - Power Integrations, Inc. TOP201YAI Datasheet HTML 10Page - Power Integrations, Inc. TOP201YAI Datasheet HTML 11Page - Power Integrations, Inc. TOP201YAI Datasheet HTML 12Page - Power Integrations, Inc. TOP201YAI Datasheet HTML 13Page - Power Integrations, Inc. TOP201YAI Datasheet HTML 14Page - Power Integrations, Inc. TOP201YAI Datasheet HTML 15Page - Power Integrations, Inc. TOP201YAI Datasheet HTML 16Page - Power Integrations, Inc.  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
D
7/96
TOP200-4/14
13
NOTES:
1. For specifications with negative values, a negative temperature coefficient corresponds to an increase in
magnitude with increasing temperature, and a positive temperature coefficient corresponds to a decrease in
magnitude with increasing temperature.
2. It is possible to start up and operate
TOPSwitch at DRAIN voltages well below 36 V. However, the CONTROL pin
charging current is reduced, which affects start-up time and auto-restart frequency and duty cycle. Refer to the
characteristic graph on CONTROL pin charge current (I
C) vs. DRAIN voltage for low voltage operation
characteristics.
PI-1126-041994
0.1
µF
47
µF
0-50 V
40 V
TOPSwitch
470
5 W
S2
S1
470
DRAIN
SOURCE
CONTROL
NOTE: This test circuit is not applicable for current limit or output characteristic measurements.
Figure 14. TOPSwitch General Test Circuit.
PI-1215-091794
DRAIN
VOLTAGE
HV
0 V
90%
10%
90%
t2
t1
DC =
t1
t2
Figure 12. TOPSwitch Duty Cycle Measurement.
Figure 13. TOPSwitch CONTROL Pin I-V Characteristic.
120
100
80
40
20
60
0
02
4
6
8
10
CONTROL Pin Voltage (V)
TYPICAL CONTROL PIN I-V CHARACTERISTIC
Latched Shutdown
Trigger Current (45 mA)
1
Slope
Dynamic
Impedance
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com