Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IP5328P Datasheet(PDF) 20 Page - Injoinic Technology Co.,Ltd.

Part # IP5328P
Description  Fully-Integrated Bi-directional PD3.0 and Fast Charge Power Bank SOC with Multiple Input and Output Ports
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INJOINIC [Injoinic Technology Co.,Ltd.]
Direct Link  http://www.injoinic.com
Logo INJOINIC - Injoinic Technology Co.,Ltd.

IP5328P Datasheet(HTML) 20 Page - Injoinic Technology Co.,Ltd.

Back Button IP5328P Datasheet HTML 16Page - Injoinic Technology Co.,Ltd. IP5328P Datasheet HTML 17Page - Injoinic Technology Co.,Ltd. IP5328P Datasheet HTML 18Page - Injoinic Technology Co.,Ltd. IP5328P Datasheet HTML 19Page - Injoinic Technology Co.,Ltd. IP5328P Datasheet HTML 20Page - Injoinic Technology Co.,Ltd. IP5328P Datasheet HTML 21Page - Injoinic Technology Co.,Ltd. IP5328P Datasheet HTML 22Page - Injoinic Technology Co.,Ltd. IP5328P Datasheet HTML 23Page - Injoinic Technology Co.,Ltd. IP5328P Datasheet HTML 24Page - Injoinic Technology Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 28 page
background image
IP5328P
V1.2
Email: service@injoinic.com
20 / 28
Copyright © 2015, Injoinic Corp.
I2C
I2C connection:
L3
L2
L1
VREG
VREG
INT
3.3k
3.3k
VSET
I2C model
SLK
SDA
Connection according to the corresponding way will automatically turn off the other Function, automatically
enter the I2C mode. When connected to I2C mode, INT signal is in high resistance state when standby and high
level state when working, which can be used to wake up MCU.
I2C mode supports 400Kbps, 8bits register address, 8bits register data. Sending and receiving are all in high
order (MSB). I2C device address: write as 0xEA, read as 0xEB.
For example:
Writing 0x5A into 0x05 register:
SCLK
SDA
Start
sACK
Slave address 0xEA
sACK
Register address 0x05
sACK
Data 0x5A
Stop
I2C WRITE
Reading data from 0x05 register:
SCLK
SDA
Start
sACK
Slave address 0xEA
sACK
Register address 0x05
mNACK
Data 0x5A
Stop
Restart
sACK
Slave address 0xEB
I2C Read
Under I2C mode, RSET is low level when IP5328P is power down and high level when IP5328P is power up,
thus RSET can be used for MCU wake up.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com