Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PFS7529H Datasheet(PDF) 5 Page - Power Integrations, Inc.

Part # PFS7529H
Description  PFC Controller with Integrated High-Voltage MOSFET and Qspeed
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

PFS7529H Datasheet(HTML) 5 Page - Power Integrations, Inc.

  PFS7529H Datasheet HTML 1Page - Power Integrations, Inc. PFS7529H Datasheet HTML 2Page - Power Integrations, Inc. PFS7529H Datasheet HTML 3Page - Power Integrations, Inc. PFS7529H Datasheet HTML 4Page - Power Integrations, Inc. PFS7529H Datasheet HTML 5Page - Power Integrations, Inc. PFS7529H Datasheet HTML 6Page - Power Integrations, Inc. PFS7529H Datasheet HTML 7Page - Power Integrations, Inc. PFS7529H Datasheet HTML 8Page - Power Integrations, Inc. PFS7529H Datasheet HTML 9Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 37 page
background image
Rev. D 04/25
5
PFS7523-7529/7533-7539
www.power.com
Figure 5. Idealized Converter Waveforms.
This control produces a continuous mode power switch current
waveform that varies both in frequency and peak current value across
a line half-cycle to produce an input current proportional to the input
voltage.
Control Engine
The controller features a low bandwidth, high gain OTA error-amplifi-
er of which its non-inverting terminal is connected to an internal
voltage reference of 3.85 V. The inverting terminal of the error-am-
plifier is available on the external FEEDBACK pin which connects to
the output voltage divider network with a divider ratio of 1:100 to
regulate the output voltage to 385 V nominally. The FEEDBACK pin
connects directly to the divider network for fast transient load
response.
The internally sensed FET switch current is scaled by the input
voltage peak detector current sense gain (M
ON) then integrated and
compared with the error-amplifier signal (V
E) to determine the cycle
on-time. Internally the difference between the input and output
voltage is derived and the resultant is scaled, integrated, and
compared to a voltage reference (V
OFF) to determine the cycle
off-time. Careful selection of the internal scaling factors produces
input current waveforms with very low distortion and high power
factor.
Line Feed-Forward Scaling Factor (M
ON) and PF Enhancer
The VOLTAGE MONITOR (V) pin voltage is sampled and converted by
a Δ-Σ ADC to a quantized digital value. A digital line cycle peak detec-
tor, with dynamic time constants and multi-cycle filtering, derives and
smooths the peak of the input line voltage. This peak is used
internally to scale the gain of the current sense signal through the
M
ON variable. This contribution is required to reduce the dynamic
range of the control feedback signal as well as flatten the loop gain
over the operating input line range. The line-sense feed-forward gain
adjustment is proportional to the square of the peak rectified AC line
voltage and is adjusted as a function of the VOLTAGE MONITOR pin
voltage.
At high-line and light load, the feed-forward M
ON variable is dynami-
cally adjusted throughout the line cycle in order to compensate for
the line current distortion through the EMI filter and full bridge
network, thereby improving power factor.
The line-sense feed-forward gain is also important in providing a
switch power limit over the input line range.
This characteristic is optimized to maintain a relatively constant
internal error-voltage level at full load from an input line of 90 to
230 VAC.
Beyond the specified peak power rating of the device, the internal
power limit feature will regulate the output voltage below the set
regulation threshold as a function of output overload to maintain a
constant output power. Figure 6 illustrates the typical regulation
characteristic as a function of load.
Below the brown-in threshold (V
BR+) the power limit is reduced when
the device is operated in the ‘Full’ power mode as shown in Figure 7.
As the input line voltage is reduced toward the brown-out threshold
(V
BR-) and if the load exceeds the power limit derating, the boost
output voltage will drop out of regulation in accordance with Figure 6.
The rated peak power shown in Table 1 is not derated for voltages
below the brown-in threshold when the device is operated in the
‘Efficiency’ mode.
Start-Up with Pin-to-Pin Short-Circuit Protection
At start-up, the engine performs a sequence of operational checks
and pin short/open evaluations, as illustrated in Figure 8, prior to the
commencement of switching. When the input voltage peak is above
brown-in, the engine enables switching.
The OTA error amplifier provides a non-linear amplifier (NLA)
mechanism to overcome the inherently slow feedback loop response
when the sensed output voltage on the FEEDBACK pin is outside its
regulation window. This allows the error amplifier function to limit
the maximum overshoot and undershoot during load transient events.
To reduce switch and output diode current stress at start-up, the
HiperPFS-3 calculates off-time based upon output voltage (V
OUT) during
start-up, resulting in a relatively soft controlled start-up.
Once the applied VCC is above the VCC
UVLO+ threshold, and the output
of the on-chip V
REF regulator is above REFUV+, the value of the
REFERENCE pin capacitor is detected and the full or efficiency power
mode is latched. The pin open/short tests are performed, and if the
FEEDBACK pin voltage is valid the over-temperature OTP is checked
to be false. Once the preceding checks are satisfied the input voltage
is monitored via the VOLTAGE MONITOR pin until it exceeds the V
BR+
threshold [but the peak detector is not saturated]. It is at this point
that switching is enabled.
Timing Supervisor and Operating Frequency Range
Since the controller is expected to operate with a variable switching
frequency over the line frequency half-cycle, typically spanning a
range of 22 – 123 kHz when operating in CCM, the controller also
features a timing supervisor function which monitors and limits the
maximum switch on-time and off-time as well as ensures a minimum
cycle on-time. Figure 9(a) shows the typical half-line frequency
profile of the device switching frequency as a function of input
voltage at peak load conditions. Figure 9(b) shows for a given line
condition of 115 VAC, the effect of EcoSmart™ on the switching
frequency as a function of load. The switching frequency is not a
function of boost choke inductance in CCM (continuous conduction
mode) operation.
IS dt
VE
VOFF
(VOUT-VIN)dt
Latch
RESET
Latch
SET
Gate
Drive (Q)
Maximum
ON-time
Minimum
OFF-time
Timing
Supervisor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com