Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LP304302 Datasheet(PDF) 4 Page - Eaton All Rights Reserved.

Part # LP304302
Description  Single Row Terminal Blocks
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

LP304302 Datasheet(HTML) 4 Page - Eaton All Rights Reserved.

  LP304302 Datasheet HTML 1Page - Eaton All Rights Reserved. LP304302 Datasheet HTML 2Page - Eaton All Rights Reserved. LP304302 Datasheet HTML 3Page - Eaton All Rights Reserved. LP304302 Datasheet HTML 4Page - Eaton All Rights Reserved. LP304302 Datasheet HTML 5Page - Eaton All Rights Reserved. LP304302 Datasheet HTML 6Page - Eaton All Rights Reserved. LP304302 Datasheet HTML 7Page - Eaton All Rights Reserved. LP304302 Datasheet HTML 8Page - Eaton All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
17
EATON www.eaton.com
Hardware Options Inches (Millimeters)
(Bulk ordering part numbers are in parentheses)
Base/End Options Inches (Millimeters)
A3 & LP3
Single RowTerminal Blocks
Jumpers
Quick Connects Blade Width A = 0.250” Blade Width B = 0.187”
Mount End Details
† Contact Eaton for desired configuration.
Note: On 1, 3 and 5 bases, Eaton may
drill a terminal spacing to be a mount
end. There will be no fit/form/function
effect of mounting the product



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com