Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BF259 Datasheet(PDF) 2 Page - STMicroelectronics

Part # BF259
Description  HIGH VOLTAGE VIDEO AMPLIFIERS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BF259 Datasheet(HTML) 2 Page - STMicroelectronics

  BF259 Datasheet HTML 1Page - STMicroelectronics BF259 Datasheet HTML 2Page - STMicroelectronics BF259 Datasheet HTML 3Page - STMicroelectronics BF259 Datasheet HTML 4Page - STMicroelectronics BF259 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
ELECTRICAL CHARACTERISTICS (Tamb =25 °C unless otherwise specified)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
I CB O
Collector Cutoff Current
(I E =0)
for BF257
for BF258
for BF259
VCB = 100 V
VCB = 200 V
VCB = 250 V
50
50
50
nA
nA
nA
V(BR) CB O
Collector-base
Breakdown Voltage
(I E =0)
I C =100 µA
for BF257
for BF258
for BF259
160
250
300
V
V
V
V(BR)CEO *
Collector-emitter
Breakdown Voltage
(I B =0)
I C =10 mA
for BF257
for BF258
for BF259
160
250
300
V
V
V
V(BR) EB O
Emittter-base
Breakdown Voltage
(I C =0)
I E =100 µA5
V
VCE (s at)*
Collector-emitter
Saturation Voltage
I C =30 mA
I B =6 mA
1
V
h FE*
DC Current Gain
IC =30 mA
VCE =10 V
25
f T
Transition Frequency
I C =15 mA
VCE =10 V
90
MHz
Cre
Reverse Capacitance
IC =0
f= 1 MHz
VCE =30 V
3pF
*
Pulsed : pulse duration = 300
µs, duty cycle = 1 %.
DC Current Gain.
THERMAL DATA
Rth j-cas e
R th j-amb
Thermal Resistance Junction-case
Thermal Resistance Junction-ambient
Max
Max
30
175
°C/W
°C/W
BF257-BF258-BF259
2/5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com