Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BD681 Datasheet(PDF) 2 Page - STMicroelectronics

Part # BD681
Description  COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BD681 Datasheet(HTML) 2 Page - STMicroelectronics

  BD681 Datasheet HTML 1Page - STMicroelectronics BD681 Datasheet HTML 2Page - STMicroelectronics BD681 Datasheet HTML 3Page - STMicroelectronics BD681 Datasheet HTML 4Page - STMicroelectronics BD681 Datasheet HTML 5Page - STMicroelectronics BD681 Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
THERMAL DATA
Rthj-ca se
Rthj- amb
Thermal Resistance Junction-case
Max
Thermal Resistance Junction-ambient
Max
3.12
100
oC/W
oC/W
ELECTRICAL CHARACTERISTICS (Tcase =25
oC unless otherwise specified)
Symb ol
Parameter
Test Cond ition s
Mi n.
Typ .
Max.
Un it
ICBO
Collect or Cut-off
Current (IE =0)
VCE =rated VCBO
VCE =rated VCBO
TC = 100
oC
0.2
2
mA
mA
ICEO
Collect or Cut-off
Current (IB =0)
VCE = half rated VCEO
0.5
mA
IEBO
Emitt er Cut-off Current
(IC =0)
VEB =5 V
2mA
VCEO(sus )
∗
Collect or-Emitter
Sustaining Voltage
IC =50 mA
for BD677/677A/678/ 678A
for BD679/679A/680/ 680A
for BD681/682
60
80
100
V
V
V
VCE(sat)
∗
Collect or-Emitter
Saturat ion Voltage
for BD677/678/ 679/680/681/682
IC =1.5 A
IB =30 mA
for BD677A/ 678A/679A/680A
IC =2 A
IB =40 mA
2.5
2.8
V
V
VBE
∗
Base-Emitt er Voltage
for BD677/678/ 679/680/681/682
IC =1. 5 A
VCE =3 V
for BD677A/ 678A/679A/680A
IC =2 A
VCE =3 V
2.5
2.5
V
V
hFE
∗
DC Current G ain
for BD677/678/ 679/680/681/682
IC =1.5 A
VCE =3 V
for BD677A/ 678A/679A/680A
IC =2 A
VCE =3 V
750
750
hfe
Small Signal Current
Gain
IC =1. 5 A
VCE =3 V
f =1MHz
1
∗ Pulsed: Pulse duration = 300 µs, duty cycle 1.5 %
Safe Operating Areas
Derating Curve
BD677/677A/678/678A/679/679A/680/680A/681/682
2/6



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com