Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LEDMAG Datasheet(PDF) 3 Page - nVent Electric plc

Part # LEDMAG
Description  Electrical Accessories
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NVENT [nVent Electric plc]
Direct Link  https://www.nvent.com/en-us/
Logo NVENT - nVent Electric plc

LEDMAG Datasheet(HTML) 3 Page - nVent Electric plc

  LEDMAG Datasheet HTML 1Page - nVent Electric plc LEDMAG Datasheet HTML 2Page - nVent Electric plc LEDMAG Datasheet HTML 3Page - nVent Electric plc LEDMAG Datasheet HTML 4Page - nVent Electric plc LEDMAG Datasheet HTML 5Page - nVent Electric plc LEDMAG Datasheet HTML 6Page - nVent Electric plc  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
ElEctrical accEssoriEs Lighting Packages
nVent.com/HOFFMAN
SUBJECT TO CHANGE WITHOUT NOTICE
accEssoriEs
3
Spec-01447 C
El lED EnclosurE light
inDustrY stanDarDs
VAC Version:
UL 1598 Listed; File No. E514459
cUL Listed per CSA C22.2 NO. 250.0-18; File No. E514459
CE/ENEC
IP20
VDC Version:
UL 2108 Listed; File No. E516511
cUL Listed per CSA C22.2 NO. 9.0-96,; File No. E516511
CE
IP20
FEaturEs
•
With door-operated switch connection
•
Fast and tool-free assembly designed with a latching hook
system to fit the 25mm hole pattern on nVent HOFFMAN
enclosures
•
The Light may be installed horizontally or vertically
•
Mounting accessories are required and must purchase separately
when the light is not installed in the 25 mm (.98) hole pattern
•
Purchase infeed cable or connectors separately to supply power
to the light
Catalog Number
Height
in./mm
Width
in./mm
Depth
in./mm
Lamp
Type
Luminosity (lm)
Light
Color
Temp. (K) Light Color Power (W) Voltage (VAC) Voltage (VDC) Hertz (Hz) Connection
Operating
Temp. (°F)
Operating
Temp. (°C)
EL900D
2.99
76
12.40
315
1.89
48
LED
900
4000
Neutral
White
9
100-240
—
50/60
3-PoleInfeed
andThrough
Wiring
-4to131
-20to+55
EL1200D24V
2.99
76
12.40
315
1.89
48
LED
1200
4000
Neutral
White
10
—
24
—
2-PoleInfeed
andThrough
Wiring
-4to131
-20to+55
Door-opEratED switch For El lED EnclosurE
lights
FEaturEs
•
Door switch is used with LED enclosure lights that do not have a
motion detector
•
Delivered with a 31.50 inch (800mm) door switch cable to
connect directly to the EL LED Enclosure light
•
Mount on the inside hole pattern of the IEC floor-standing
enclosure frame only. Not compatible with ProLine enclosure
frame or other enclosures.
Catalog Number
Height
in./mm
Width
in./mm
Depth
in./mm
ELD0801U
2.48
63
1.22
31
1.22
31



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com