Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0899432 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 0899432
Description  AE MP SH EP 75X190 - Mounting panel
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0899432 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  0899432 Datasheet HTML 1Page - PHOENIX CONTACT 0899432 Datasheet HTML 2Page - PHOENIX CONTACT 0899432 Datasheet HTML 3Page - PHOENIX CONTACT 0899432 Datasheet HTML 4Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Please be informed that the data shown in this PDF document is generated from our online catalog. Please find the complete data in the user
documentation. Our general terms of use for downloads are valid.
Mounting panel, width: 64 mm, height: 179 mm, color: silver-colored
Commercial data
Item number
0899432
Packing unit
1 pc
Minimum order quantity
1 pc
Note
Made to order (non-returnable)
Sales key
NULL
Product key
BH9Z4X
GTIN
4055626281209
Weight per piece (including packing)
9.99 g
Weight per piece (excluding packing)
9.99 g
Customs tariff number
94039910
Country of origin
DE
AE MP SH EP 75X190 - Mounting panel
0899432
https://www.phoenixcontact.com/us/products/0899432
Aug 25, 2025, 4:43AM
Page 1 (4)


Similar Part No. - 0899432

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0899430 PHOENIX-0899430 Datasheet
174Kb / 4P
AE MP SH EP 75X110 - Mounting panel
0899431 PHOENIX-0899431 Datasheet
174Kb / 4P
AE MP SH EP 75X160 - Mounting panel
0899433 PHOENIX-0899433 Datasheet
174Kb / 4P
AE MP SH EP 100X320 - Mounting panel
0899434 PHOENIX-0899434 Datasheet
174Kb / 4P
AE MP SH EP 120X122 - Mounting panel
0899435 PHOENIX-0899435 Datasheet
173Kb / 4P
AE MP SH EP 120X220 - Mounting panel
More results

Similar Description - 0899432

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1621567 PHOENIX-1621567 Datasheet
387Kb / 9P
Device connector, front mounting - SH-8ESC58AWA00S
02/04/2022
1621569 PHOENIX-1621569 Datasheet
396Kb / 9P
Device connector, front mounting - SH-8EPC58AWA00S
02/04/2022
2803137 PHOENIX-2803137 Datasheet
71Kb / 4P
Mounting plate - CN-UB/MP-90DEG-50
09/12/2020
2942742 PHOENIX-2942742 Datasheet
166Kb / 3P
Mounting plate - EM-MP 70
12/24/2021
2943712 PHOENIX-2943712 Datasheet
207Kb / 3P
Mounting plate - EM-MP 45N
12/24/2021
1621561 PHOENIX-1621561 Datasheet
636Kb / 16P
SH-8EPC58AAC00S - Device connector front mounting
1621566 PHOENIX-1621566 Datasheet
592Kb / 16P
SH-8EPS48AAD00S - Device connector front mounting
1621570 PHOENIX-1621570 Datasheet
634Kb / 15P
SH-8EPS48AWA00S - Device connector front mounting
1627206 PHOENIX-1627206 Datasheet
592Kb / 15P
SH-8EPS48AH000S - Device connector, rear mounting
1627205 PHOENIX-1627205 Datasheet
637Kb / 16P
SH-8EPC58AH000S - Device connector, rear mounting
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com