Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STDRIVE101TR Datasheet(PDF) 9 Page - STMicroelectronics

Part # STDRIVE101TR
Description  Triple half-bridge gate driver
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STDRIVE101TR Datasheet(HTML) 9 Page - STMicroelectronics

Back Button STDRIVE101TR Datasheet HTML 5Page - STMicroelectronics STDRIVE101TR Datasheet HTML 6Page - STMicroelectronics STDRIVE101TR Datasheet HTML 7Page - STMicroelectronics STDRIVE101TR Datasheet HTML 8Page - STMicroelectronics STDRIVE101TR Datasheet HTML 9Page - STMicroelectronics STDRIVE101TR Datasheet HTML 10Page - STMicroelectronics STDRIVE101TR Datasheet HTML 11Page - STMicroelectronics STDRIVE101TR Datasheet HTML 12Page - STMicroelectronics STDRIVE101TR Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
tDELAY,SC
VDS monitoring protection
delay time
See Figure 6
200
ns
Thermal protection(6)
TSD
Thermal shutdown
temperature
150
165
°C
TSDhys
Thermal shutdown
hystreresis
30
°C
1. These timings are measured using INHx/INLx mode (refer to Figure 4). An extra time is added when the device works with
ENx/INx mode (refer to Figure 2 and Figure 3)
2. MT = max. (|ton(GLS) - toff(GLS)|, |ton(GHS) - toff(GHS)|, |toff(GLS) - ton(GHS)|, |toff(GHS) - ton(GLS)|).
3. MTCH is the difference between the ton and toff of a channel and the same timings of any other channel.
4. MDT = | tDTHL - tDTLH | see Figure 2.
5. MDTCH is the difference between the t DTHL and t DTLH of a channel and the same timings of any other channel.
6. Based on characterization data on a limited number of samples, not tested during production
Figure 2. INx timings and deadtime (ENx/INx mode)
toff(1)
toff(1)
Note:
(1) this propagation delay is typically 16 ns longer than the one measured in INH/INL driving mode (testing condition).
Figure 3. ENx timings (ENx/INx mode)
EN
GHS
GLS
Note:
(1) this propagation delay is typically 16 ns longer than the one measured in INH/INL driving mode (testing condition).
toff(1)
ton(1)
toff(1)
tDT + ton(1)
IN
STDRIVE101
Electrical characteristics
DS13472 - Rev 1
page 9/32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com