Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STDRIVE101 Datasheet(PDF) 22 Page - STMicroelectronics

Part # STDRIVE101
Description  Triple half-bridge gate driver
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STDRIVE101 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button STDRIVE101 Datasheet HTML 18Page - STMicroelectronics STDRIVE101 Datasheet HTML 19Page - STMicroelectronics STDRIVE101 Datasheet HTML 20Page - STMicroelectronics STDRIVE101 Datasheet HTML 21Page - STMicroelectronics STDRIVE101 Datasheet HTML 22Page - STMicroelectronics STDRIVE101 Datasheet HTML 23Page - STMicroelectronics STDRIVE101 Datasheet HTML 24Page - STMicroelectronics STDRIVE101 Datasheet HTML 25Page - STMicroelectronics STDRIVE101 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 32 page
background image
•
GHSx output is high and (VS - VOUTx) > VDSth for more than tDFSC
Important:
The VDS monitoring is implemented assuming that the supply of the power stage (VM) is at the same voltage of the
STDRIVE101 supply (VS). Supplying the power stage with a voltage VM lower than VS the VDS monitoring protection
could not work properly. In particular, if the voltage difference 'VS - VM' is greater than VDSth, the protection will be
triggered each time the high-side is turned on, regardless of the current flowing in the MOSFET.
For this reason it is recommended, when using the VDS monitoring protection to supply the STDRIVE101 (VS) and the
power stage (VM) at the same voltage. In case it is required to use a VM voltage lower than VS, the VDS monitoring
protection must be disabled setting the SCREF pin above the VSCREF,dis voltage.
As soon as the protection is triggered, all the gate drivers outputs are forced low, the nFAULT output is forced low
and the protection is latched. In this condition all the gate driver outputs are kept low whatever the driving inputs
(refer to Figure 6).
The protection is released only when the device enters standby mode.
Note:
SCREF pins structure does not allow a bias without VS supply voltage.
5.7
Overcurrent comparator
The STDRIVE101 embeds a comparator suitable for overcurrent detection of the power stage through a shunt
resistor.
When the input voltage at CP pin is higher than internal reference voltage (VREF), the device enters into a
protection state: all the gate driver outputs are forced low and the nFAULT open drain output is forced low. The
device automatically leaves the protection state after a tDISABLE time (refer to Figure 5 for details).
5.8
Thermal protection
The device embeds an overtemperature shutdown protection through thermal sensor placed next to the linear
regulator block.
When the overtemperature protection occurs, the linear regulator is switched off and the nFAULT output is forced
low. The thermal shutdown condition expires when the temperature goes below the “TSD- TSDhys” temperature
(auto-restart).
Figure 19. Thermal shutdown management
V
nFAULT
T
j
T
jSD
Thermal
shutdown
T
jSD,hyst
Power
stage
ENABLED
ENABLED
DISABLED
STDRIVE101
Overcurrent comparator
DS13472 - Rev 1
page 22/32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com