Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PX409-005DWUI. Datasheet(PDF) 2 Page - Omega Engineering, Inc.

Part # PX409-005DWUI.
Description  Micro-Machined Silicon Transducers wet/wet differential Pressure Models
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMEGA [Omega Engineering, Inc.]
Direct Link  https://www.omega.com/en-us/
Logo OMEGA - Omega Engineering, Inc.

PX409-005DWUI. Datasheet(HTML) 2 Page - Omega Engineering, Inc.

  PX409-005DWUI. Datasheet HTML 1Page - Omega Engineering, Inc. PX409-005DWUI. Datasheet HTML 2Page - Omega Engineering, Inc. PX409-005DWUI. Datasheet HTML 3Page - Omega Engineering, Inc. PX409-005DWUI. Datasheet HTML 4Page - Omega Engineering, Inc. PX409-005DWUI. Datasheet HTML 5Page - Omega Engineering, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
B-244
Pressure cycles: 1 million minimum
Long Term Stability (1-Year):
±0.1% FS typical
Bandwidth: DC to 1 kHz typical
Response Time: <1 ms
cE compliant: Meets EN61326-1: 2006
for industrial locations
Shock: 50 g, 11 mS half sine, vertical and
horizontal axis
Vibration: 5-2000-5 Hz, 30 minute cycle,
Curve L, Mil-Spec 810 figure
514-2-2, vertical and horizontal axis
Wetted Parts: 316L stainless steel
Line/Static Pressure: 500 psi maximum
applied to both sides simultaneously
Proof Pressure (Differential):
10 inH2O range = 10 times range
1 psi range = 6 times range
2.5 to 750 psi ranges = 4 times range
1000 psi range = 3 times range
Hi Side containment Pressure
(Differential):
Ranges 10 inH2o to 5 psi: to 1000 psi
Ranges 15 to 1000 psi: to 3000 psi
Pressure Ports: 1⁄4 NPT male
Electrical Terminations:
PX409: 2 m (6') cable
PX409c: 2 m (6') cable with 1⁄2 NPT
conduit thread
PX419: mini DIN
(mating connector included)
PX429: Twist-lock,
(mating connector sold separately)
PX459: M12 connector
PX429 mating connector:
PT06F10-6S
Weight: 200 g (7 oz) maximum
Micro-Machined
Silicon TranSducerS
weT/weT differenTial PreSSure ModelS
B
Serial # and range
identify high port
30 psid and above
78.7 (3.1)
50.8 (2.0)
22.8 (0.875) hex
each end
¼ - 18 NPT
each end
ø22.8
(0.9)
ø22.8
(0.9)
25.4 (1.0) hex
each end
¼ - 18 NPT
each end
Serial # and range
identify high port
78.7 (3.1)
50.8 (2.0)
15 psid and below
71.1 (2.8)
71.1 (2.8)
Conduit backend PX409C
Integral cable backend PX409
Twist-lock backend PX429
mini DIN backend PX419
5 (0.2)
5 (0.2)
5 (0.2)
28
(1.1)
½ NPT TH’D
Vent with porous plug
(gage units only)
Vent with porous plug
(gage units only)
mating
connector
PT06F10-6S
Dimensions: mm (inch)
Vented
through cable
Ø 20.2
(0.8)
2
(0.2)
2 connector
bacend
m12 connector
backend PX459
ø 20.2
(0.8)
m12 x 1
5 (0.2)
Dimensions: mm (inch)
ø = diameter
Serial # and range
identify high port
30 psid and above
78.7 (3.1)
50.8 (2.0)
22.8 (0.875) hex
each end
¼ - 18 NPT
each end
ø22.8
(0.9)
ø22.8
(0.9)
25.4 (1.0) hex
each end
¼ - 18 NPT
each end
Serial # and range
identify high port
78.7 (3.1)
50.8 (2.0)
15 psid and below
71.1 (2.8)
71.1 (2.8)
Conduit backend PX409C
Integral cable backend PX409
Twist-lock backend PX429
mini DIN backend PX419
5 (0.2)
5 (0.2)
5 (0.2)
28
(1.1)
½ NPT TH’D
Vent with porous plug
(gage units only)
Vent with porous plug
(gage units only)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com