Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2N5551. Datasheet(PDF) 2 Page - Multicomp Pro

Part # 2N5551.
Description  Bipolar Transistor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro

2N5551. Datasheet(HTML) 2 Page - Multicomp Pro

  2N5551. Datasheet HTML 1Page - Multicomp Pro 2N5551. Datasheet HTML 2Page - Multicomp Pro 2N5551. Datasheet HTML 3Page - Multicomp Pro  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Page <2>
V1.0
16/09/19
Bipolar Transistor
Newark.com/multicomp-pro
Farnell.com/multicomp-pro
Element14.com/multicomp-pro
Electrical Characteristics: (T
A = +25°C Unless otherwise specified)
Parameter
Symbol
Test Conditions
Min
Max
Unit
OFF Characteristics
Collector - Base Breakdown Voltage
V(BR)CBO
lC = 100µA, IE = 0
180
-
V
Collector - Emitter Breakdown Voltage V(BR)CEO
lC = 1mA, IB = 0, Note 2
160
Emitter - Base Breakdown Voltage
V(BR)EBO
lE = 10µA, IC = 0
6
Collector Cut - Off Current
ICBO
VCB = 120V, IE = 0
-
50
nA
VCB = 120V, IE = 0, TA = +100°C
uA
Emitter Cut - Off Voltage
IEBO
VEB = 4V, IC = 0
nA
ON Characteristics (Note 2)
DC Current Gain
hFE
VCE = 5V, lC = 1mA
80
-
-
VCE = 5V, lC = 10mA
250
VCE = 5V, lC = 50mA
30
-
Collector - Emitter Saturation Voltage
VCE(sat)
lC = 10mA, IB = 1mA
-
0.15
V
lC = 50mA, IB = 5mA
0.2
Base - Emitter On Voltage
VBE(sat)
lC = 10mA, IB = 1mA
1
lC = 50mA, IB = 5mA
Small-Signal Characteristics
Current Gain Bandwidth Product
fT
VCE = 10V, lC = 10mA, f = 100MHz
100
300
MHz
Output Capacitance
Cobo
VCB = 10V, lE = 0, f = 1MHz
-
6
pF
Input Capacitance
Cibo
VBE = 0.5V, lC = 0, f = 1MHz
20
Small-Signal Current Gain
hfe
VCE = 10V, lC = 1mA, f = 1kHz
50
200
-
Noise Figure
NF
VCE = 5V, lC = 250µA, f = 1kHz, RS = 1kΩ
-
8
dB
Note:
2. Pulse Test : Pulse Width = 300µs, Duty Cycle = 2%



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com