Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC1210NS/AA. Datasheet(PDF) 1 Page - Positronic.

Part # MC1210NS/AA.
Description  SCORPION MODULAR POWER, SIGNAL CONNECTORS
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POSITRONIC [Positronic.]
Direct Link  https://www.connectpositronic.com/en/
Logo POSITRONIC - Positronic.

MC1210NS/AA. Datasheet(HTML) 1 Page - Positronic.

  MC1210NS/AA. Datasheet HTML 1Page - Positronic. MC1210NS/AA. Datasheet HTML 2Page - Positronic. MC1210NS/AA. Datasheet HTML 3Page - Positronic. MC1210NS/AA. Datasheet HTML 4Page - Positronic. MC1210NS/AA. Datasheet HTML 5Page - Positronic. MC1210NS/AA. Datasheet HTML 6Page - Positronic. MC1210NS/AA. Datasheet HTML 7Page - Positronic. MC1210NS/AA. Datasheet HTML 8Page - Positronic. MC1210NS/AA. Datasheet HTML 9Page - Positronic. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
an
Amphenol company
SCORPION
THE SCIENCE OF CERTAINTY®
M015 Rev A 19/10
MODULAR POWER, SIGNAL CONNECTORS
■ The most versatile modular power/signal connector on the planet
■ Rated up to 100 amperes per contact plus ability to add signal contacts and a variety of accessories
■ Venting options for improved air cooling
■ Blank modules for greater creepage and clearance for higher voltage needs
■ Unique locking systems for blind mating, float mount and cable connector options


Similar Part No. - MC1210NS/AA.

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MC1210N ETC-MC1210N Datasheet
124Kb / 2P
LSI CMOS
logo
Multicomp Pro
MC1210N0R5B102CG MULTICOMP-MC1210N0R5B102CG Datasheet
1,009Kb / 11P
Middle and High Voltage Multilayer Ceramic Capacitors 200V to 3kV (NP0, X7R & Y5V Dielectrics)
05/09/19 V1.1
MC1210N0R5B102CT MULTICOMP-MC1210N0R5B102CT Datasheet
1,009Kb / 11P
Middle and High Voltage Multilayer Ceramic Capacitors 200V to 3kV (NP0, X7R & Y5V Dielectrics)
05/09/19 V1.1
MC1210N0R5B201CG MULTICOMP-MC1210N0R5B201CG Datasheet
1,009Kb / 11P
Middle and High Voltage Multilayer Ceramic Capacitors 200V to 3kV (NP0, X7R & Y5V Dielectrics)
05/09/19 V1.1
MC1210N0R5B201CT MULTICOMP-MC1210N0R5B201CT Datasheet
1,009Kb / 11P
Middle and High Voltage Multilayer Ceramic Capacitors 200V to 3kV (NP0, X7R & Y5V Dielectrics)
05/09/19 V1.1
More results

Similar Description - MC1210NS/AA.

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
TM1R-616B44-35S-150 HIROSE-TM1R-616B44-35S-150 Datasheet
392Kb / 5P
MODULAR CONNECTORS
TM5RC-44 HIROSE-TM5RC-44 Datasheet
889Kb / 7P
MODULAR CONNECTORS
TM13R-44 HIROSE-TM13R-44 Datasheet
54Kb / 1P
MODULAR CONNECTORS
logo
Lumberg
253101 LUMBERG-253101 Datasheet
572Kb / 3P
Modular connectors
253301 LUMBERG-253301 Datasheet
527Kb / 3P
Modular connectors
254101 LUMBERG-254101 Datasheet
557Kb / 3P
Modular connectors
P126 LUMBERG-P126 Datasheet
585Kb / 4P
Modular connectors
P129 LUMBERG-P129 Datasheet
1Mb / 3P
Modular connectors
P133 LUMBERG-P133 Datasheet
769Kb / 3P
Modular connectors
P136 LUMBERG-P136 Datasheet
766Kb / 3P
Modular connectors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com