Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AVS2ACP08 Datasheet(PDF) 5 Page - STMicroelectronics

Part # AVS2ACP08
Description  AUTOMATIC VOLTAGE SWITCH SMPS < 300W
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AVS2ACP08 Datasheet(HTML) 5 Page - STMicroelectronics

  AVS2ACP08 Datasheet HTML 1Page - STMicroelectronics AVS2ACP08 Datasheet HTML 2Page - STMicroelectronics AVS2ACP08 Datasheet HTML 3Page - STMicroelectronics AVS2ACP08 Datasheet HTML 4Page - STMicroelectronics AVS2ACP08 Datasheet HTML 5Page - STMicroelectronics AVS2ACP08 Datasheet HTML 6Page - STMicroelectronics AVS2ACP08 Datasheet HTML 7Page - STMicroelectronics AVS2ACP08 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
option
NTC
NTC
110 V
or
220V
G
1N
4007
R1
1M
1%
33
µF
16V
A
1
A
2
V
V
DD
SS
VDD
VG
VM
91k 1 %
100pF 5 %
VSS
2
x
9.1K
1W
R2
18K
1%
390
AVS20
AVS2ACP08
AVS10CB/CBI
or AVS100CB
7
8
5
3
21
4
AVS20-09.EPS
TYPICAL APPLICATION DIAGRAM
Undetermine d
Power-on reset
Normal operation
Undetermined
SS
DD
Vreg = V
- V
-3V
-3V
VPWRON
VPWROFF
0V
0V
Power-off
Reset
AVS20-08.EPS
POWER-ON AND POWER-OFF RESET BEHAVIOUR
AVS20/AVS200
CONTROLLER
TRIAC
AVS 2A
C
P08
AVS
C
10
B
I
AUTOMATIC
VOLTAGE
SWITCH
IDENTIFICATION
PACKAGE :
DIP8
OPERATING TEMPERATURE :
C = 0/70 C
AUTOMATIC
VOLTAGE
SWITCH
INSULATED Suffix
PACKAGE B :
UNINSULATED TO220
OPERATING TEMPERATURE :
C = 0/70 C
IDENTIFICATION
V
600V
800V
10
100
:=
V
:=
DRM
DRM
AVS20-10.EPS
ORDERING INFORMATION
AVS20 - AVS200
5/8



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com