Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

E32-R16 Datasheet(PDF) 48 Page - Omron Electronics LLC

Part # E32-R16
Description  Optical Fiber Photoelectric Sensor
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E32-R16 Datasheet(HTML) 48 Page - Omron Electronics LLC

Back Button E32-R16 Datasheet HTML 44Page - Omron Electronics LLC E32-R16 Datasheet HTML 45Page - Omron Electronics LLC E32-R16 Datasheet HTML 46Page - Omron Electronics LLC E32-R16 Datasheet HTML 47Page - Omron Electronics LLC E32-R16 Datasheet HTML 48Page - Omron Electronics LLC E32-R16 Datasheet HTML 49Page - Omron Electronics LLC E32-R16 Datasheet HTML 50Page - Omron Electronics LLC E32-R16 Datasheet HTML 51Page - Omron Electronics LLC E32-R16 Datasheet HTML 52Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 64 page
background image
E3X
E3X
5
E32-DC200F
E32-DC200F4
E32-D11
Sixteen,
0.265 dia.
Sensing head
(SUS303)
M6 X 0.75
Two toothed washers (10 teeth)
Two hexagon clamping nuts
Protective tube
Optical fiber, two, 2.2 dia.
15
17
2.4
5.2
10
Two, 0.5 dia.
2.5
5.5
1.8
90
(40)
(see note)
Note:
The value in the parentheses is for the E32-TC200F4.
2,000
10
1.2 dia. min.
Stainless tube
(SUS304)
Sensing head M3 x 0.5
(SUS304)
Two hexagon clamping nuts
Two toothed washers
Optical fiber, two, 1 dia.
Fiber attachment (E39-F9)
5.5
2.5
Four, 0.25 dia.
Optical fiber, two, 1 dia.
Fiber attachment (E39-F9)
Two toothed washers
Two hexagon clamping nuts
Protective tube
Sensing head (nickel-plated brass)
M3 x 0.5
1.8
11
25
E32-D21
E32-DC200C
E32-DC200D
E32-DC200D4
E32-DC9G
E32-DC9G4
Two, 1.0 dia.
5.2
10
Two toothed washers
Two hexagon clamping nuts
Sensing head M6
x 0.75 (nickel-
plated brass)
Optical fiber,
2.2 x 2 dia.
22 dia.
2,000 (when straight)
90
2.4
Two, 1.0 dia.
5.2
2.5 dia.
max.
Stainless
tube
(SUS304)
90
Two toothed washers
Two hexagon clamping nuts
Sensing head M6
x 0.75 (SUS304)
Optical fiber,
two, 2.2 dia.
22 dia.
2,000 (when straight)
90
17
2.4
10
1.2 dia. max.
Stainless tube
Sleeve
4
17
7.5
90
(40)
(see note)
Note:
The value in the parentheses is for the E32-TC200F4.
6
8
Do not bent the stainless
tube in this range.
E32-D33
Two, 0.25 dia.
0.8 dia.
Sensing head
(SUS303)
3 dia.
Heat-shrinkable tubing
Optical fiber, two, 1 dia.
Fiber attachment (E39-F9)
15
35
10
(40) (see note)
Note:
The value in the
parentheses is for
the E32-DC200D4.
25
11
2,000
15
2,000
10
(150)
17
400
(150)
400
15
13
10
25
2,000
12
15
48



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com