Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TOP243R Datasheet(PDF) 45 Page - Power Integrations, Inc.

Part # TOP243R
Description  TOPSwitch-GX Family Extended Power, Design Flexible, EcoSmart, Integrated Off-line Switcher
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

TOP243R Datasheet(HTML) 45 Page - Power Integrations, Inc.

Back Button TOP243R Datasheet HTML 41Page - Power Integrations, Inc. TOP243R Datasheet HTML 42Page - Power Integrations, Inc. TOP243R Datasheet HTML 43Page - Power Integrations, Inc. TOP243R Datasheet HTML 44Page - Power Integrations, Inc. TOP243R Datasheet HTML 45Page - Power Integrations, Inc. TOP243R Datasheet HTML 46Page - Power Integrations, Inc. TOP243R Datasheet HTML 47Page - Power Integrations, Inc. TOP243R Datasheet HTML 48Page - Power Integrations, Inc. TOP243R Datasheet HTML 49Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 52 page
background image
TOP242-250
45
M
12/04
Typical Performance Characteristics (cont.)
Figure 67. Output Characteristics.
Figure 68. I
C vs. DRAIN Voltage.
6
5
0
0
2
4
6
8 10 12 14 16 18 20
DRAIN Voltage (V)
2
1
TCASE = 25 °C
TCASE = 100 °C
4
3
TOP250 1.17
TOP249 1.00
TOP248 0.83
TOP247 0.67
TOP246 0.50
TOP245 0.33
TOP244 0.25
TOP243 0.17
TOP242 0.08
Scaling Factors:
2
1.2
1.6
0
0
20
40
60
80
100
DRAIN Voltage (V)
0.4
0.8
VC = 5 V
0
100
200
300
400
500
600
10
100
1000
10000
Drain Voltage (V)
TOP250 1.17
TOP249 1.00
TOP248 0.83
TOP247 0.67
TOP246 0.50
TOP245 0.33
TOP244 0.25
TOP243 0.17
TOP242 0.08
Scaling Factors:
600
400
500
200
100
300
0
0
200
100
400
500
300
600
DRAIN Voltage (V)
TOP250 1.17
TOP249 1.00
TOP248 0.83
TOP247 0.67
TOP246 0.50
TOP245 0.33
TOP244 0.25
TOP243 0.17
TOP242 0.08
Scaling Factors:
1.2
0.8
1.0
0
-50
0
50
100
150
Junction Temperature (
°C)
0.2
0.4
0.6
Figure 69. C
OSS vs. DRAIN Voltage.
Figure 70. DRAIN Capacitance Power.
Figure 71. Remote OFF DRAIN Supply Current vs.
Temperature.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com