Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

INLC10AQ-R4.5 Datasheet(PDF) 3 Page - inova Semiconductors

Part # INLC10AQ-R4.5
Description  Smart LED Driver & Controller
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INOVA [inova Semiconductors]
Direct Link  https://inova-semiconductors.de/
Logo INOVA - inova Semiconductors

INLC10AQ-R4.5 Datasheet(HTML) 3 Page - inova Semiconductors

  INLC10AQ-R4.5 Datasheet HTML 1Page - inova Semiconductors INLC10AQ-R4.5 Datasheet HTML 2Page - inova Semiconductors INLC10AQ-R4.5 Datasheet HTML 3Page - inova Semiconductors INLC10AQ-R4.5 Datasheet HTML 4Page - inova Semiconductors INLC10AQ-R4.5 Datasheet HTML 5Page - inova Semiconductors INLC10AQ-R4.5 Datasheet HTML 6Page - inova Semiconductors INLC10AQ-R4.5 Datasheet HTML 7Page - inova Semiconductors INLC10AQ-R4.5 Datasheet HTML 8Page - inova Semiconductors INLC10AQ-R4.5 Datasheet HTML 9Page - inova Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 35 page
background image
Datasheet
DS_INLC10AQ Revision 1.0_B
Inova Semiconductors Confidential
Page 3 of 35
1.0
Block Diagram
Figure 1: INLC10AQ block diagram
The device implements a communication for the reception of control commands and for providing device
status and configuration data.
Low side, configurable constant current sinks are provided for controlling 3 LEDs (i.g. RGB).
The main unit computes the PWM duty cycles from the incoming commands and applies the corresponding
control values to the three PWM units.
The main unit is also in charge of a periodic temperature measurement and an appropriate duty cycle
adjustment for the red PWM channel.
The actual device temperature is obtained via an integrated analog-digital converter (ADC).
Besides the temperature the ADC can also measure various other analog values. These measurements are
always triggered by a command from the host. The result of the corresponding A/D conversion is also
retrieved by a host command. As each device is individually calibrated to compensate for production
variations, the corresponding parameters can be stored in an on-die non-volatile memory.
This one-time-programmable memory (OTP) is read at hardware reset and the parameters are copied from
the OTP to directly accessible registers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com