Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLV2264AMFKB Datasheet(PDF) 2 Page - Texas Instruments

Part # TLV2264AMFKB
Description  Advanced LinCMOS RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV2264AMFKB Datasheet(HTML) 2 Page - Texas Instruments

  TLV2264AMFKB Datasheet HTML 1Page - Texas Instruments TLV2264AMFKB Datasheet HTML 2Page - Texas Instruments TLV2264AMFKB Datasheet HTML 3Page - Texas Instruments TLV2264AMFKB Datasheet HTML 4Page - Texas Instruments TLV2264AMFKB Datasheet HTML 5Page - Texas Instruments TLV2264AMFKB Datasheet HTML 6Page - Texas Instruments TLV2264AMFKB Datasheet HTML 7Page - Texas Instruments TLV2264AMFKB Datasheet HTML 8Page - Texas Instruments TLV2264AMFKB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 57 page
background image
TLV226x, TLV226xA
Advanced LinCMOS RAILTORAIL
OPERATIONAL AMPLIFIERS
SLOS186C − FEBRUARY 1997 − REVISED AUGUST 2006
2
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TLV2262 AVAILABLE OPTIONS
PACKAGED DEVICES
TA
VIOmax
AT 25
°C
SMALL
OUTLINE
(D)
CHIP
CARRIER
(FK)
CERAMIC
DIP
(JG)
PLASTIC
DIP
(P)
TSSOP
(PW)
CERAMIC
FLATPACK
(U)
0
°C to 70°C
2.5 mV
TLV2262CD
—
—
TLV2262CP
TLV2262CPWLE
—
−40
°C to 125°C
950
µV
TLV2262AID
—
—
TLV2262AIP
TLV2262AIPWLE
—
−40
°C to 125°C
950
µV
2.5 mV
TLV2262AID
TLV2262ID
—
—
—
—
TLV2262AIP
TLV2262IP
TLV2262AIPWLE
—
—
—
−40
°C to 125°C
950
µV
TLV2262AQD
—
—
—
—
—
−40
°C to 125°C
950
µV
2.5 mV
TLV2262AQD
TLV2262QD
—
—
—
—
—
—
—
—
—
—
−55
°C to 125°C
950
µV
2.5 mV
—
—
TLV2262AMFK
TLV2262MFK
TLV2262AMJG
TLV2262MJG
—
—
—
—
TLV2262AMU
TLV2262MU
† The D packages are available taped and reeled. Add R suffix to device type (e.g., TLV2262CDR).
‡ The PW package is available only left-end taped and reeled.
§ Chips are tested at 25°C.
¶ For the most current package and ordering information see the Package Option Addendum at the end of this document, or see the TI web site
at www.ti.com.
TLV2264 AVAILABLE OPTIONS
PACKAGED DEVICES
TA
VIOmax
AT 25
°C
SMALL
OUTLINE
(D)
CHIP
CARRIER
(FK)
CERAMIC
DIP
(J)
PLASTIC
DIP
(N)
TSSOP
(PW)
CERAMIC
FLATPACK
(W)
−40
°C to
950
µV
TLV2264AID
—
—
TLV2264AIN
TLV2264AIPWLE
—
−40 C to
125
°C
950
µV
2.5 mV
TLV2264AID
TLV2264ID
—
—
—
—
TLV2264AIN
TLV2264IN
TLV2264AIPWLE
—
—
—
−40
°C to
950
µV
TLV2264AQD
—
—
—
—
—
−40 C to
125
°C
950
µV
2.5 mV
TLV2264AQD
TLV2264QD
—
—
—
—
—
—
—
—
—
—
−55
°C to
125
°C
950
µV
2.5 mV
—
—
TLV2264AMFK
TLV2264MFK
TLV2264AMJ
TLV2264MJ
—
—
—
—
TLV2264AMW
TLV2264MW
† The D packages are available taped and reeled. Add R suffix to device type (e.g., TLV2262IDR).
‡ The PW package is available only left-end taped and reeled.
§ Chips are tested at 25°C.
¶ For the most current package and ordering information see the Package Option Addendum at the end of this document, or see the TI web site
at www.ti.com.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com