Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

JB5CS04AM00-RK Datasheet(PDF) 2 Page - Japan Aviation Electronics Industry, Ltd.

Part # JB5CS04AM00-RK
Description  Circular connector, IP68, Small size, waterproof, panel-to-cable, push-pull mating structure, solder type, 4 pos., Panel mount receptacle (Through-hole)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JAE [Japan Aviation Electronics Industry, Ltd.]
Direct Link  http://www.jae.com
Logo JAE - Japan Aviation Electronics Industry, Ltd.

JB5CS04AM00-RK Datasheet(HTML) 2 Page - Japan Aviation Electronics Industry, Ltd.

  JB5CS04AM00-RK Datasheet HTML 1Page - Japan Aviation Electronics Industry, Ltd. JB5CS04AM00-RK Datasheet HTML 2Page - Japan Aviation Electronics Industry, Ltd. JB5CS04AM00-RK Datasheet HTML 3Page - Japan Aviation Electronics Industry, Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Contact Arrangement Code
  
Contact Size X No. of Contacts
#24 X 4
Contact Size
#24
Applicable Wire Size (mm2)
  
Applicable Wire Insulation
Diameter (mm)
  
Finish of Contact in Connecting
Area
Gold plating over Nickel
Total Current Rating (A)
  
Dielectric Withstanding
Voltage (VACr.m.s. 1minute)
1,500
Insulation Resistance
(megaohm min.)
1,000
Contact Resistance (milliohm
max.)
  
Operating Temperature Range
(deg. C)
-55 deg. C to +85 deg. C
Alternative Insert Position
(deg.)
0
Connector Color
Chromium plating
Applicable Contacts
  
Applicable Accessory
  
Contact, Strip/ Loose Piece
  
Tool Type
  
Accessory Type
  
RoHS compliant
10 substances (2011/65/EU, (EU)2015/863)
REACH compliant
Remarks
Jam nut type
Notice



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com