Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CC2550-RTY1 Datasheet(PDF) 19 Page - Texas Instruments

Part # CC2550-RTY1
Description  Low-Cost Low-Power 2.4 GHz RF Transmitter
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CC2550-RTY1 Datasheet(HTML) 19 Page - Texas Instruments

Back Button CC2550-RTY1 Datasheet HTML 15Page - Texas Instruments CC2550-RTY1 Datasheet HTML 16Page - Texas Instruments CC2550-RTY1 Datasheet HTML 17Page - Texas Instruments CC2550-RTY1 Datasheet HTML 18Page - Texas Instruments CC2550-RTY1 Datasheet HTML 19Page - Texas Instruments CC2550-RTY1 Datasheet HTML 20Page - Texas Instruments CC2550-RTY1 Datasheet HTML 21Page - Texas Instruments CC2550-RTY1 Datasheet HTML 22Page - Texas Instruments CC2550-RTY1 Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 62 page
background image
CC2550
SWRS039B
Page 19 of 58
12
Data Rate Programming
The data rate used when transmitting is
programmed by the MDMCFG3.DRATE_M and
the
MDMCFG4.DRATE_E
configuration
registers. The data rate is given by the formula
below. As the formula shows, the programmed
data rate depends on the crystal frequency.
()
XOSC
E
DRATE
DATA
f
M
DRATE
R
+
=
28
_
2
2
_
256
The following approach can be used to find
suitable values for a given data rate:
256
2
2
_
2
log
_
_
28
20
2
=
⎟⎟
⎜⎜
=
E
DRATE
XOSC
DATA
XOSC
DATA
f
R
M
DRATE
f
R
E
DRATE
If DRATE_M is rounded to the nearest integer
and becomes 256, increment DRATE_E and
use DRATE_M=0.
The data rate can be set from 1.2 kBaud to
500 kBaud with a minimum step size of:
Data Rate
Start
[kBaud]
Typical
Data Rate
[kBaud]
Data Rate
Stop
[kBaud]
Data Rate
Step Size
[kBaud]
0.8
1.2/2.4
3.17
0.0062
3.17
4.8
6.35
0.0124
6.35
9.6
12.7
0.0248
12.7
19.6
25.4
0.0496
25.4
38.4
50.8
0.0992
50.8
76.8
101.6
0.1984
101.6
153.6
203.1
0.3967
203.1
250
406.3
0.7935
406.3
500
500
1.5869
Table 16: Data Rate Step Size
13
Packet Handling Hardware Support
The
CC2550 has built-in hardware support for
packet oriented radio protocols.
In transmit mode, the packet handler can be
configured to add the following elements to the
packet stored in the TX FIFO:
A programmable number of preamble
bytes
A two byte synchronization (sync) word.
Can be duplicated to give a 4-byte sync
word. It is not possible to only insert
preamble or only insert a sync word.
A CRC checksum computed over the data
field.
In a system where
CC2550 is used as the
transmitter and
CC2500 as the receiver, the
recommended setting is 4-byte preamble and
4-byte sync word, except for 500 kBaud data
rate where the recommended preamble length
is 8 bytes.
In addition, the following can be implemented
on the data field and the optional 2-byte CRC
checksum:
Whitening of the data with a PN9
sequence.
Forward error correction by the use of
interleaving and coding of the data
(convolutional coding).
Note that register fields that control the packet
handling features should only be altered when
CC2550 is in the IDLE state.
13.1
Data whitening
From a radio perspective, the ideal over the air
data are random and DC free. This results in
the smoothest power distribution over the
occupied bandwidth. This also gives the
regulation loops in the receiver uniform
operation conditions (no data dependencies).
Real world data often contain long sequences
of zeros and ones. Performance can then be
improved by whitening the data before
transmitting, and de-whitening the data in the
receiver. With
CC2550, in combination with a
CC2500 at the receiver end, this can be done
automatically
by
setting
PKTCTRL0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com